Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4040 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM4040
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4040 Datasheet(HTML) 2 Page - Texas Instruments

  LM4040 Datasheet HTML 1Page - Texas Instruments LM4040 Datasheet HTML 2Page - Texas Instruments LM4040 Datasheet HTML 3Page - Texas Instruments LM4040 Datasheet HTML 4Page - Texas Instruments LM4040 Datasheet HTML 5Page - Texas Instruments LM4040 Datasheet HTML 6Page - Texas Instruments LM4040 Datasheet HTML 7Page - Texas Instruments LM4040 Datasheet HTML 8Page - Texas Instruments LM4040 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
LM4040
SLOS456K – JANUARY 2005 – REVISED MARCH 2008 .................................................................................................................................................. www.ti.com
ORDERING INFORMATION(1)
DEVICE
ORDERABLE
TOP-SIDE
TA
VKA
PACKAGE(2)
GRADE
PART NUMBER
MARKING(3)
SC-70 (DCK)
Reel of 3000
LM4040A20IDCKR
MS_
Reel of 3000
LM4040A20IDBZR
SOT-23-3 (DBZ)
4MC_
2.048 V
Reel of 250
LM4040A20IDBZT
Bulk of 1000
LM4040A20ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040A20ILPR
SC-70 (DCK)
Reel of 3000
LM4040A25IDCKR
P2_
Reel of 3000
LM4040A25IDBZR
SOT-23-3 (DBZ)
4NG_
2.5 V
Reel of 250
LM4040A25IDBZT
Bulk of 1000
LM4040A25ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040A25ILPR
SC-70 (DCK)
Reel of 3000
LM4040A30IDCKR
P9_
Reel of 3000
LM4040A30IDBZR
SOT-23-3 (DBZ)
4M6_
3 V
Reel of 250
LM4040A30IDBZT
Bulk of 1000
LM4040A30ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040A30ILPR
A grade:
SC-70 (DCK)
Reel of 3000
LM4040A41IDCKR
P4_
0.1% initial
Reel of 3000
LM4040A41IDBZR
accuracy
SOT-23-3 (DBZ)
4M2_
–40°C to 85°C
and
4.096 V
Reel of 250
LM4040A41IDBZT
100 ppm/°C
Bulk of 1000
LM4040A41ILP
temperature
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040A41ILPR
coefficient
SC-70 (DCK)
Reel of 3000
LM4040A50IDCKR
N5_
Reel of 3000
LM4040A50IDBZR
SOT-23-3 (DBZ)
4NA_
5 V
Reel of 250
LM4040A50IDBZT
Bulk of 1000
LM4040A50ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040A50ILPR
SC-70 (DCK)
Reel of 3000
LM4040A82IDCKR
PD_
Reel of 3000
LM4040A82IDBZR
SOT-23-3 (DBZ)
4NL_
8.192 V
Reel of 250
LM4040A82IDBZT
Bulk of 1000
LM4040A82ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040A82ILPR
SC-70 (DCK)
Reel of 3000
LM4040A10IDCKR
PH_
Reel of 3000
LM4040A10IDBZR
SOT-23-3 (DBZ)
4NQ_
10 V
Reel of 250
LM4040A10IDBZT
Bulk of 1000
LM4040A10ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040A10ILPR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
DBZ/DCK: The actual top-side marking has one additional character that designates the wafer fab/assembly site.
2
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com