Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R05SS09 Datasheet(PDF) 2 Page - Recom International Power

Part # R05SS09
Description  EUROLINE - DC/DC - CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R05SS09 Datasheet(HTML) 2 Page - Recom International Power

  R05SS09 Datasheet HTML 1Page - Recom International Power R05SS09 Datasheet HTML 2Page - Recom International Power R05SS09 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.recom-international.com
EU 9
Package Weight
1.21 g
Operating Temperature Range (all output types)
–40°C min. to +85°C max. (see graph)
Storage Temperature Range
–55°C min. +125°C max.
Case Temperature Above Ambient (depending on the type)
5V output types
+53°C max.
all other output types
+40°C max.
MTTF 1)
–40°C
302kHrs min. / 2938kHrs max.
+25°C
252kHrs min. / 2418kHrs max.
+85°C
212kHrs min. / 1968kHrs max.
1). Calculated using MIL-HDBK-217F with nominal input voltage at full load.
Please contact us, if you need exact parameters for the converter you have selected.
Electrical Specifications (measured at T
A = 25°C, at nominal input voltage and rated output current unless otherwise specified)
Typical Characteristics, Tolerance Envelope and Temperature Derating Graph
R12SSxx
Temperature Derating Graph
Tolerance Envelope
R05SSxx
Ambient Temperature ˚C
0.5
100
50
0
-40
85
150
0
2.0
1.5
1.0
Safe
Operating Area
100
1209
1212
Total Output Current (%)
40
60
80
20
0
+4
+8
+12
0
–8
–4
1215
1205
Total Output Current (%)
40
60
80
20
40
60
80
0
100
20
0509, 0512, 0515
0505
100
0512
0515
0505
0509
Total Output Current (%)
40
60
80
20
0
+5
+10
+15
+20
0
–10
–5
Total Output Current (%)
40
60
80
20
40
60
80
0
100
20
1212, 1215
1205
1209
+10%
+5%
V Nom.
+2,5%
– 2,5%
10%
50%
100%
Output Load Current (%)
– 7,5%
Typical Load L
ine
EUROLINE - DC/DC-Converter
RxxSSxx Series, 1 Watt, SMD, 1kVDC Isolation (Single Output)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com