Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951DR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP2951DR
Description  ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2951DR Datasheet(HTML) 2 Page - Texas Instruments

  LP2951DR Datasheet HTML 1Page - Texas Instruments LP2951DR Datasheet HTML 2Page - Texas Instruments LP2951DR Datasheet HTML 3Page - Texas Instruments LP2951DR Datasheet HTML 4Page - Texas Instruments LP2951DR Datasheet HTML 5Page - Texas Instruments LP2951DR Datasheet HTML 6Page - Texas Instruments LP2951DR Datasheet HTML 7Page - Texas Instruments LP2951DR Datasheet HTML 8Page - Texas Instruments LP2951DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LP2950
LP2951
SLVS582F – APRIL 2006 – REVISED DECEMBER 2009
www.ti.com
ORDERING INFORMATION(1)
VOUT
ORDERABLE
TA
PACKAGE(2)
TOP-SIDE MARKING
(NOM)
PART NUMBER
Bulk of 1000
LP2950-30LP
TO-226/TO-92 – LP
KY5030
Reel of 2000
LP2950-30LPR
PDIP – P
Tube of 50
LP2951-30P
PREVIEW
3 V
Tube of 75
LP2951-30D
SOIC – D
KY5130
Reel of 2500
LP2951-30DR
WSON – DRG
Reel of 1000
LP2951-30DRGR
ZUD
Bulk of 1000
LP2950-33LP
TO-226/TO-92 – LP
KY5033
Reel of 2000
LP2950-33LPR
PDIP – P
Tube of 50
LP2951-33P
TBD
3.3 V
Tube of 75
LP2951-33D
SOIC – D
KY5133
Reel of 2500
LP2951-33DR
–40°C to 125°C
WSON – DRG
Reel of 1000
LP2951-33DRGR
ZUE
Bulk of 1000
LP2950-50LP
PREVIEW
TO-226/TO-92 – LP
Reel of 2000
LP2950-50LPR
KY5050
PDIP – P
Tube of 50
LP2951-50P
PREVIEW
5 V
Tube of 75
LP2951-50D
SOIC – D
KY5150
Reel of 2500
LP2951-50DR
WSON – DRG
Reel of 1000
LP2951-50DRGR
ZUF
PDIP – P
Tube of 50
LP2951P
PREVIEW
Tube of 75
LP2951D
ADJ
SOIC-D
LP2951
Reel of 2500
LP2951DR
WSON – DRG
Reel of 1000
LP2951DRGR
PREVIEW
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
2
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): LP2950 LP2951



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com