Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSIB640 Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # GSIB640
Description  SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

GSIB640 Datasheet(HTML) 1 Page - Gulf Semiconductor

  GSIB640 Datasheet HTML 1Page - Gulf Semiconductor GSIB640 Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A7
www.gulfsemi.com
GSIB605
THRU
GSIB6100
SINGLE
PHASE
GLASS
PASSIVATED
BRIDGE
RECTIFIER
Voltage: 50
to
1000V
Current:
6.0A
Features
GSIB-5S
Glass passivated chip junction
Ideal for printed circuit board
High surge current capability
High case dielectric strength
This series is UL listed under Recognized Component Index,
file number E185029
Mechanical Data
Terminal: Plated leads solderable per MIL-STD 202E,
Method 208C
Case: UL-94 Class V-0 recognized Flame Retardant Epoxy
Polarity: Polarity symbol marked on body
Mounting position: any
Dimensions in millimeters
MAXIMUM
RATINGS
AND
ELECTRICAL
CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated,
for capacitive load, derate current by 20%)
Symbol
GSIB6
05
GSIB6
10
GSIB6
20
GSIB6
40
GSIB6
60
GSIB6
80
GSIB6
100
units
Maximum repetitive peak reverse voltage
Vrrm
50
100
200
400
600
800
1000
V
Maximum RMS voltage
Vrms
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
Vdc
50
100
200
400
600
800
1000
V
Maximum average forward
Tc = 100℃(Note 1)
Rectified output current at
Ta = 25℃(Note 2)
If(av)
6.0
2.8
A
Peak forward surge current single sine-wave
superimposed on rated load (JEDEC Method)
Ifsm
180
A
Maximum instantaneous forward voltage drop per
leg at 3.0A
Vf
0.95
V
Rating for fusing (t < 8.3ms)
I2t
120
A2Sec
Maximum DC reverse current at
Ta = 25°C
rated DC blocking voltage per leg
Ta = 125°C
Ir
10.0
250
µA
Maximum thermal resistance per leg
(Note2)
(Note1)
Rth(ja)
Rth(jc)
22.0
3.4
℃/W
Operating junction and storage temperature range
Tj, Tstg
-55 to +150
℃
Note:
1. Unit case mounted onAl plate heatsink
2. Unit case mounted on P.C.B. with 0.5 x 0.5” (12 x 12mm) copper peads and 0.375”(9.5mm) lead length
3. Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with #6 screw


Similar Part No. - GSIB640

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSIB640 VISHAY-GSIB640 Datasheet
51Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
1-Dec-03
GSIB640 VISHAY-GSIB640 Datasheet
104Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
31-Jan-08
GSIB640 VISHAY-GSIB640 Datasheet
93Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
09-Jul-2020
GSIB640-E3/45 VISHAY-GSIB640-E3/45 Datasheet
86Kb / 5P
Single-Phase Single In-Line Bridge Rectifiers
13-Jun-14
GSIB640N VISHAY-GSIB640N Datasheet
93Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
09-Jul-2020
More results

Similar Description - GSIB640

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
G6XB05 GULFSEMI-G6XB05 Datasheet
139Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
G10XB05 GULFSEMI-G10XB05 Datasheet
127Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 10.0A
GBU8A GULFSEMI-GBU8A Datasheet
162Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 8.0A
GSIB6A05 GULFSEMI-GSIB6A05 Datasheet
137Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
GSIB10A05 GULFSEMI-GSIB10A05 Datasheet
151Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 10.0A
GSIB805 GULFSEMI-GSIB805 Datasheet
148Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 8.0A
KBP005M GULFSEMI-KBP005M Datasheet
110Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:1.5A
KBPC6005 GULFSEMI-KBPC6005 Datasheet
2Mb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 6.0A
KBU6A GULFSEMI-KBU6A Datasheet
526Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 6.0A
UG6KB05 GULFSEMI-UG6KB05 Datasheet
151Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com