Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA Datasheet(PDF) 1 Page - Recom International Power

Part # RAA
Description  ECONOLINE - DC/DC - CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAA Datasheet(HTML) 1 Page - Recom International Power

  RAA Datasheet HTML 1Page - Recom International Power RAA Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
108
www.recom-international.com
April-2005
Part
Input
Output
Output
Input Current
Efficiency
Number
Voltage
Voltage
Current
Full Load No Load
DIP Package
(VDC)
(VDC)
(mA)
(mA)
(%)
RAA-0505S
5
5
1000
1250
80
80
RAA-0512S
5
12
417
1150
80
87
RAA-0515S
5
15
333
1150
80
87
RAA-1205S
12
5
1000
496
40
84
RAA-1212S
12
12
417
479
40
87
RAA-1215S
12
15
333
479
40
87
RAA-2405S
24
5
1000
261
20
83
RAA-2412S
24
12
417
245
20
85
RAA-2415S
24
15
333
239
20
87
RAA-0505D
5
±5
±500
1250
80
80
RAA-0512D
5
±12
±208
1150
80
87
RAA-0515D
5
±15
±167
1150
80
87
RAA-1205D
12
±5
±500
496
40
84
RAA-1212D
12
±12
±208
479
40
87
RAA-1215D
12
±15
±167
479
40
87
RAA-2405D
24
±5
±500
261
20
83
RAA-2412D
24
±12
±208
245
20
85
RAA-2415D
24
±15
±167
239
20
87
120
100
20
60
100
75
0
-25
Operating Temperature (°C)
0
80
50
25
70
Safe Operating Area
40
Derating-Graph
(Ambient Temperature)
Selection Guide
5 Watt
25.00 x 23.50mm
Single &
&
Dual Output
ECONOLINE
DC/DC-Converter
RAA
Series
● Dual In-Line Package
● 1kVDC Isolation
● Internal Filtering
● No External Components Required
● 100% Burned In
● UL94V-0 Package Material
● Low Noise
● Efficiency to 87%
Features
Unregulated
Converters
Specifications (Core Operating Area)
Voltage Setpoint Accuracy
±3% max.
Temperature Coefficient
±0.03%/°C
Ripple and Noise (20MHz BW)
100mVp-p max.
Line Regulation (for 1% change in input voltage)
±1.2% max.
Load Regulation (for output load current change from 20% to 100%)
±3% max.
Short Circuit Protection
Short Term
Input Voltage Range
±10% min.
Efficiency
79% - 91%
Isolation Voltage
(tested for 1 second)
1.000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Resistance
10 G
Ω min.
Switching Frequency
60kHz min.
Isolation Capacitance
80pF max.
Operating Temperature Range (free air convection)
-25°C to +70°C (see Graph)
Storage Temperature
-55°C to +100°C
Relative Humidity
MSL Level 1
95% RH
Case Material
Non-Conductive Plastic
Package Weight
19.2g
MTBF (+25°C)
using MIL-HDBK 217F
1800 x 103hours
(+70°C)
using MIL-HDBK 217F
1440 x 103hours
}DetailedInformationsee
Application Notes chapter "MTBF"


Similar Part No. - RAA

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
RAA APEX-ELECTRONICS-RAA Datasheet
753Kb / 2P
Rocker switches
logo
Recom International Pow...
RAA-0505D RECOM-RAA-0505D Datasheet
86Kb / 2P
5 Watt 25.00 x 23.50mm Single & Dual Output
RAA-0505S RECOM-RAA-0505S Datasheet
86Kb / 2P
5 Watt 25.00 x 23.50mm Single & Dual Output
RAA-0505S RECOM-RAA-0505S_06 Datasheet
86Kb / 2P
5 Watt 25.00 x 23.50mm Single & Dual Output
RAA-0512D RECOM-RAA-0512D Datasheet
86Kb / 2P
5 Watt 25.00 x 23.50mm Single & Dual Output
More results

Similar Description - RAA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RB-1.81.8S RECOM-RB-1.81.8S Datasheet
115Kb / 4P
ECONOLINE - DC/DC - CONVERTER
RD-0505D RECOM-RD-0505D Datasheet
106Kb / 2P
ECONOLINE - DC/DC - CONVERTER
REC15 RECOM-REC15 Datasheet
89Kb / 2P
ECONOLINE - DC/DC - CONVERTER
REC22-05DRI RECOM-REC22-05DRI Datasheet
80Kb / 2P
ECONOLINE - DC/DC - CONVERTER
REC22-05SR RECOM-REC22-05SR Datasheet
91Kb / 2P
ECONOLINE - DC/DC - CONVERTER
REC22-33DUI RECOM-REC22-33DUI Datasheet
85Kb / 2P
ECONOLINE - DC/DC - CONVERTER
REC8-05SRWL RECOM-REC8-05SRWL Datasheet
78Kb / 2P
ECONOLINE - DC/DC - CONVERTER
RT-1.81.81.8 RECOM-RT-1.81.81.8 Datasheet
85Kb / 2P
ECONOLINE - DC/DC - CONVERTER
RX-05D RECOM-RX-05D Datasheet
104Kb / 2P
ECONOLINE - DC/DC - CONVERTER
RB-XX1.8S RECOM-RB-XX1.8S Datasheet
105Kb / 2P
ECONOLINE - DC/DC-Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com