Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD02 Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # LD02
Description  SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT FLAT BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 0.6A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

LD02 Datasheet(HTML) 1 Page - Gulf Semiconductor

  LD02 Datasheet HTML 1Page - Gulf Semiconductor LD02 Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A2
www.gulfsemi.com
LD005 THRU LD10
SINGLE PHASE GLASS PASSIVATED
SURFACE MOUNT FLAT BRIDGE RECTIFIER
VOLTAGE: 50 TO 1000V
CURRENT: 0.6A
FEATURE
LDF
Low profile space
Ideal for automated placement
Glass passivated chip
Low forward voltage drop
Low leakage current
High forward surge capability
High temperature soldering:260℃/10 seconds at terminals
MECHANICAL DATA
Terminal: Plated leads solderable per
MIL-STD 202E, method 208C
Case:UL-94 Class V-0 recognized Flame Retardant Epoxy
Polarity: Polarity symbol marked on body
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated,
for capacitive load, derate current by 20%)
SYMBOL
LD
005
LD
01
LD
02
LD
04
LD
06
LD
08
LD
10
Units
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
Vrms
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current at
Ta =40
°C
If(av)
0.6
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load
Ifsm
20.0
A
Maximum
Instantaneous
Forward
Voltage
at
forward current 0.3A
Vf
1.0
V
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =125
°C
Ir
5.0
100.0
µA
Typical Thermal resistance
(Note1)
Rth(ja)
Rth(jl)
70
20
°C/W
Typical Junction Capacitance
(Note2)
Cj
13.0
pF
Storage and Operating Junction Temperature
Range
Tstg, Tj
-55 to +150
°C
Note:
1. On aluminum substrate P.C.B. with an area of 0.8”×0.8”(20×20mm) mounted on 0.05×0.05”(1.3×1.3mm) solder pad
2. Measured at 1.0 MHz and applied voltage of 4.0 volt


Similar Part No. - LD02

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LD02-10B03 MORNSUN-LD02-10B03 Datasheet
299Kb / 3P
1W/2W, ULTRA SMALL SIZE AC-DC CONVERTER
LD02-10B05 MORNSUN-LD02-10B05 Datasheet
299Kb / 3P
1W/2W, ULTRA SMALL SIZE AC-DC CONVERTER
LD02-10B09 MORNSUN-LD02-10B09 Datasheet
299Kb / 3P
1W/2W, ULTRA SMALL SIZE AC-DC CONVERTER
LD02-10B12 MORNSUN-LD02-10B12 Datasheet
299Kb / 3P
1W/2W, ULTRA SMALL SIZE AC-DC CONVERTER
LD02-10B15 MORNSUN-LD02-10B15 Datasheet
299Kb / 3P
1W/2W, ULTRA SMALL SIZE AC-DC CONVERTER
More results

Similar Description - LD02

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
DB101S GULFSEMI-DB101S Datasheet
93Kb / 2P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:1.0A
DF005S GULFSEMI-DF005S Datasheet
84Kb / 2P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:1.0A
DF15005S GULFSEMI-DF15005S Datasheet
99Kb / 2P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:1.5A
G6XB05 GULFSEMI-G6XB05 Datasheet
139Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
G10XB05 GULFSEMI-G10XB05 Datasheet
127Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 10.0A
GSIB6A05 GULFSEMI-GSIB6A05 Datasheet
137Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
LB005 GULFSEMI-LB005 Datasheet
96Kb / 2P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT FLAT BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 0.6A
LLB005 GULFSEMI-LLB005 Datasheet
131Kb / 2P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT FLAT BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
LLD005 GULFSEMI-LLD005 Datasheet
192Kb / 2P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT FLAT BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 0.8A
MD005 GULFSEMI-MD005 Datasheet
114Kb / 2P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:0.8A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com