Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REZ Datasheet(PDF) 1 Page - Recom International Power

Part # REZ
Description  ECONOLINE - DC/DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REZ Datasheet(HTML) 1 Page - Recom International Power

  REZ Datasheet HTML 1Page - Recom International Power REZ Datasheet HTML 2Page - Recom International Power REZ Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
68
www.recom-international.com
April-2005
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
SIP 7
(2kV)
(VDC)
(VDC)
(mA)
(%)
REZ-xx3.3S
(H)
5, 9, 12, 15, 24
3.3
606
70-75
REZ-xx05S
(H)
5, 9, 12, 15, 24
5
400
80-85
REZ-xx09S
(H)
5, 9, 12, 15, 24
9
222
78-84
REZ-xx12S
(H)
5, 9, 12, 15, 24
12
168
80-85
REZ-xx15S
(H)
5, 9, 12, 15, 24
15
132
82-85
REZ-xx24S
(H)
5, 9, 12, 15, 24
24
83
80-85
xx = Input Voltage
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
Specifications (Core Operating Area)
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin max.
Load Voltage Regulation
3.3V output types
20% max.
(10% to 100% full load)
5V output type
15% max.
9V, 12V, 15V, 24V output types
10% max.
Output Ripple and Noise (20MHz limited)
150mVp-p max.
Operating Frequency
35kHz min. / 50kHz typ. / 85kHz max.
Efficiency at Full Load
70% min. / 80% typ.
No Load Power Consumption
134mW min. / 202mW typ. / 260mW max.
Isolation Voltage
(tested for 1 second)
1.000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Voltage
H-Suffix
(tested for 1 second)
2.000VDC min.
Rated Working Voltage
H-Suffix
(long term isolation)
see Application Notes
Isolation Capacitance
40pF min. / 115pF max.
Isolation Resistance
10 G
Ω min.
Short Circuit Protection
1 Second
Operating Temperature Range (free air convection)
-40°C to +85°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
MSL Level 1
95% RH
Package Weight
2.7g
MTBF (+25°C)
using MIL-HDBK 217F
915 x 103 hours
(+85°C)
using MIL-HDBK 217F
170 x 103 hours
2 Watt
SIP7
Single Output
Derating-Graph
(Ambient Temperature)
ECONOLINE
DC/DC-Converter
REZ
Series
● Cost Effective
● 1kVDC & 2kVDC Isolation
● Custom Solutions Available
● No Extern. Components Required
● UL94V-0 Package Material
● Efficiency to 85%
Features
Unregulated
Converters
}DetailedInformationsee
Application Notes chapter "MTBF"


Similar Part No. - REZ

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
REZ MERITEK-REZ Datasheet
219Kb / 3P
Aluminum Electrolytic Capacitors
logo
Recom International Pow...
REZ-0505S RECOM-REZ-0505S Datasheet
90Kb / 3P
2 Watt SIP7 Single Output
REZ-0505SH RECOM-REZ-0505SH Datasheet
90Kb / 3P
2 Watt SIP7 Single Output
REZ-0505SHP RECOM-REZ-0505SHP Datasheet
90Kb / 3P
2 Watt SIP7 Single Output
REZ-0505SP RECOM-REZ-0505SP Datasheet
90Kb / 3P
2 Watt SIP7 Single Output
More results

Similar Description - REZ

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAA RECOM-RAA Datasheet
93Kb / 2P
ECONOLINE - DC/DC - CONVERTER
RB-1.81.8S RECOM-RB-1.81.8S Datasheet
115Kb / 4P
ECONOLINE - DC/DC - CONVERTER
RD-0505D RECOM-RD-0505D Datasheet
106Kb / 2P
ECONOLINE - DC/DC - CONVERTER
REC15 RECOM-REC15 Datasheet
89Kb / 2P
ECONOLINE - DC/DC - CONVERTER
REC22-05DRI RECOM-REC22-05DRI Datasheet
80Kb / 2P
ECONOLINE - DC/DC - CONVERTER
REC22-05SR RECOM-REC22-05SR Datasheet
91Kb / 2P
ECONOLINE - DC/DC - CONVERTER
REC22-33DUI RECOM-REC22-33DUI Datasheet
85Kb / 2P
ECONOLINE - DC/DC - CONVERTER
REC8-05SRWL RECOM-REC8-05SRWL Datasheet
78Kb / 2P
ECONOLINE - DC/DC - CONVERTER
RX-05D RECOM-RX-05D Datasheet
104Kb / 2P
ECONOLINE - DC/DC - CONVERTER
RB-XX1.8S RECOM-RB-XX1.8S Datasheet
105Kb / 2P
ECONOLINE - DC/DC-Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com