Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG10GGF Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # RG10GGF
Description  SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 400 V CURRENT: 1.2A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

RG10GGF Datasheet(HTML) 1 Page - Gulf Semiconductor

  RG10GGF Datasheet HTML 1Page - Gulf Semiconductor RG10GGF Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.4, 1
www.gulfsemi.com
RG10GGF
SINTERED GLASS JUNCTION
FAST SWITCHING PLASTIC RECTIFIER
VOLTAGE: 400 V
CURRENT: 1.2A
FEATURE
DO-15
High temperature metallurgic ally bonded construction
Sintered glass cavity free junction
Capability of meeting environmental standard of
MIL-S-19500
High temperature soldering guaranteed
350
°C /10sec/0.375”lead length at 5 lbs tension
Operate at Ta =60
°C with no thermal run away
Typical Ir<0.2
µA
Low power loss, high efficient
MECHANICAL DATA
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
Case: Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity: color band denotes cathode
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated)
SYMBOL
RG10GGF
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
400
V
Maximum RMS Voltage
Vrms
280
V
Maximum DC blocking Voltage
Vdc
400
V
Maximum Average Forward Rectified
Current 3/8”lead length at Ta =60
°C
If(av)
1.2
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
50
A
Maximum Forward Voltage at IF=1.5A and 25
°C
Vf
1.2
V
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =125
°C
Ir
10
100
µA
µA
Maximum Reverse Recovery Time
(Note 1)
Trr
50
nS
Typical Junction Capacitance
(Note 2)
Cj
33
pF
Typical Thermal Resistance
(Note 3)
R(ja)
20
°C /W
Storage and Operating Temperature Range
Tstg, Tj
-65 to +175
°C
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
3. Thermal Resistance from Junction to Ambient at 3/8”lead length, P.C. Board Mounted


Similar Part No. - RG10GGF

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RG10 SANKEN-RG10 Datasheet
25Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
RG10 EIC-RG10 Datasheet
31Kb / 2P
SUPER FAST RECTIFIER DIODES
logo
List of Unclassifed Man...
RG10 ETC-RG10 Datasheet
54Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Gulf Semiconductor
RG10 GULFSEMI-RG10 Datasheet
86Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?00V CURRENT竊?1.5A
logo
EIC discrete Semiconduc...
RG10 EIC-RG10 Datasheet
42Kb / 2P
SUPER FAST RECTIFIER DIODES
More results

Similar Description - RG10GGF

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
BY203-20S GULFSEMI-BY203-20S Datasheet
85Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 2000V CURRENT: 0.25A
ERB05GGR GULFSEMI-ERB05GGR Datasheet
102Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:400 & 600V CURRENT: 0.5A
GUFB15M GULFSEMI-GUFB15M Datasheet
102Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.5A
RG10JGE GULFSEMI-RG10JGE Datasheet
158Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 600 V CURRENT: 1.0A
RGP10M-E GULFSEMI-RGP10M-E Datasheet
69Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
RGP40M GULFSEMI-RGP40M Datasheet
100Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 4.0A
RGPB30J GULFSEMI-RGPB30J Datasheet
127Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:600V CURRENT: 3.0A
RU2KGF GULFSEMI-RU2KGF Datasheet
224Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:800V CURRENT: 1.0A
RU4TGR GULFSEMI-RU4TGR Datasheet
134Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:1300V CURRENT: 3.0A
logo
Rectron Semiconductor
BYV26EGP RECTRON-BYV26EGP Datasheet
69Kb / 4P
SINTERED GLASS JUNCTION FAST SWITCHING PlASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com