Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RKZ Datasheet(PDF) 1 Page - Recom International Power

Part # RKZ
Description  2 Watt SIP7 Single & Dual Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RKZ Datasheet(HTML) 1 Page - Recom International Power

  RKZ Datasheet HTML 1Page - Recom International Power RKZ Datasheet HTML 2Page - Recom International Power RKZ Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.recom-international.com
71
April-2005
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
SIP7
4kV
(VDC)
(VDC)
(mA)
(%)
RKZ-xx3.3S
(H)
5, 9, 12, 15, 24
3.3
606
70
RKZ-xx05S
(H)
5, 9, 12, 15, 24
5
400
82-84
RKZ-xx09S
(H)
5, 9, 12, 15, 24
9
222
78-84
RKZ-xx12S
(H)
5, 9, 12, 15, 24
12
168
82-84
RKZ-xx15S
(H)
5, 9, 12, 15, 24
15
132
82-84
RKZ-xx24S
(H)
5, 9, 12, 15, 24
24
83
82-84
RKZ-xx3.3D
(H)
5, 9, 12, 15, 24
±3.3
±303
70-82
RKZ-xx05D
(H)
5, 9, 12, 15, 24
±5
±200
70-82
RKZ-xx09D
(H)
5, 9, 12, 15, 24
±9
±111
82-84
RKZ-xx12D
(H)
5, 9, 12, 15, 24
±12
±84
82-84
RKZ-xx15D
(H)
5, 9, 12, 15, 24
±15
±66
82-84
RKZ-xx24D
(H)
5, 9, 12, 15, 24
±24
±42
82-84
xx = Input Voltage
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
2 Watt
SIP7
Single &
&
Dual Output
Derating-Graph
(Ambient Temperature)
ECONOLINE
DC/DC-Converter
RKZ
Series
● Safety standards and approvals:
EN 60950 certified, rated for
250VAC (LVD test report)
● Custom Solutions Available
● 3kVDC & 4kVDC Isolation
● UL94V-0 Package Material
● Power Sharing on Output
● Efficiency to 84%
Features
Unregulated
Converters
Specifications (Core Operating Area)
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin max.
Load Voltage Regulation
3.3V output types
20% max.
(10% to 100% full load)
5V output type
15% max.
12V, 15V, 24V output types
10% max.
Output Ripple and Noise (20MHz limited)
150mVp-p max.
Operating Frequency
35kHz min. / 50kHz typ. / 85kHz max.
Efficiency at Full Load
70% min. / 80% typ.
No Load Power Consumption
134mW min. / 212mW typ. / 350mW max.
Isolation Voltage
(tested for 1 second)
3.000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Voltage
H-Suffix
(tested for 1 second)
4.000VDC min.
Rated Working Voltage
H-Suffix
(long term isolation)
see Application Notes
Isolation Capacitance
30pF min. / 110pF max.
Isolation Resistance
15 G
Ω min.
Short Circuit Protection
1 Second
Operating Temperature Range (free air convection)
-40°C to +85°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
MSL Level 1
95% RH
Package Weight
2.8g
MTBF (+25°C)
using MIL-HDBK 217F
988 x 103 hours
(+85°C)
using MIL-HDBK 217F
135 x 103 hours
The RKZ Series of DC/DC Converters are fully certified to EN 60950: 2000. This makes them ideal for all Telecom
and safety applications where approved isolation is required.
EN 60950 is derived from IEC 950 and is equivalent to UL 1950 and CSA 950 standards.
Description
}DetailedInformationsee
Application Notes chapter "MTBF"


Similar Part No. - RKZ

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RKZ RECOM-RKZ Datasheet
146Kb / 3P
2 Watt SIP7 Single & Dual Output
RKZ-0505D RECOM-RKZ-0505D Datasheet
108Kb / 3P
2 Watt SIP7 Single & Dual Output
RKZ-0505DHP RECOM-RKZ-0505DHP Datasheet
108Kb / 3P
2 Watt SIP7 Single & Dual Output
RKZ-0505DP RECOM-RKZ-0505DP Datasheet
108Kb / 3P
2 Watt SIP7 Single & Dual Output
RKZ-0505S RECOM-RKZ-0505S Datasheet
108Kb / 3P
2 Watt SIP7 Single & Dual Output
More results

Similar Description - RKZ

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP-3.305S RECOM-RP-3.305S Datasheet
102Kb / 3P
1 Watt SIP7 SIP7 Single & Dual Output
RUZ RECOM-RUZ Datasheet
97Kb / 3P
2 Watt SIP7 Isolated Dual Output
RD-123.3D RECOM-RD-123.3D Datasheet
100Kb / 3P
2 Watt SIP7 & DIP14 Dual Output
RD-053.3D RECOM-RD-053.3D_06 Datasheet
96Kb / 3P
2 Watt SIP7 & DIP14 Dual Output
REZ-053.3S RECOM-REZ-053.3S_06 Datasheet
90Kb / 3P
2 Watt SIP7 Single Output
RKZ-053.3S RECOM-RKZ-053.3S_06 Datasheet
108Kb / 3P
2 Watt SIP7 Single & Dual Output
RUZ-053.33.3 RECOM-RUZ-053.33.3_06 Datasheet
90Kb / 3P
2 Watt SIP7 Isolated Dual Output
RY-0505SCP RECOM-RY-0505SCP_06 Datasheet
95Kb / 3P
1 Watt SIP7 Single & Dual Output
RKZ RECOM-RKZ_10 Datasheet
146Kb / 3P
2 Watt SIP7 Single & Dual Output
RKZE RECOM-RKZE Datasheet
1Mb / 5P
2 Watt SIP7 Single and Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com