Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC4 Datasheet(PDF) 18 Page - Altera Corporation

Part # EPC4
Description  1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC4 Datasheet(HTML) 18 Page - Altera Corporation

Back Button EPC4 Datasheet HTML 14Page - Altera Corporation EPC4 Datasheet HTML 15Page - Altera Corporation EPC4 Datasheet HTML 16Page - Altera Corporation EPC4 Datasheet HTML 17Page - Altera Corporation EPC4 Datasheet HTML 18Page - Altera Corporation EPC4 Datasheet HTML 19Page - Altera Corporation EPC4 Datasheet HTML 20Page - Altera Corporation EPC4 Datasheet HTML 21Page - Altera Corporation EPC4 Datasheet HTML 22Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
1–18
Chapter 1: Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
Functional Description
Configuration Handbook (Complete Two-Volume Set)
© December 2009
Altera Corporation
Real-Time Decompression
Enhanced configuration devices support on-chip real time decompression of
configuration data. FPGA configuration data is compressed by the Quartus II
software and stored in the enhanced configuration device. During configuration, the
decompression engine inside the enhanced configuration device will decompress or
expand configuration data. This feature increases the effective-configuration density
of the enhanced configuration device up to 7, 15, or 30 Mbits in the EPC4, EPC8, and
EPC16, respectively.
The enhanced configuration device also supports a parallel 8-bit data bus to the FPGA
to reduce configuration time. However, in some cases, the FPGA data-transfer time is
limited by the flash-read bandwidth. For example, when configuring an APEX II
device in FPP (byte-wide data per cycle) mode at a configuration speed of 66 MHz,
the FPGA write bandwidth is equal to 8 bits × 66 MHz = 528 Mbps. The flash read
interface, however, is limited to approximately 10 MHz (since the flash access time is
~90 ns). This translates to a flash-read bandwidth of
16 bits × 10 MHz = 160 Mbps. Hence, the configuration time is limited by the
flash-read time.
When configuration data is compressed, the amount of data that needs to be read out
of the flash is reduced by about 50%. If 16 bits of compressed data yields 30 bits of
uncompressed data, the flash-read bandwidth increases to 30 bits × 10 MHz =
300 Mbps, reducing overall configuration time.
You can enable the controller's decompression feature in the Quartus II software,
Configuration Device Options
window by turning on Compression Mode.
1 The decompression feature supported in the enhanced configuration devices is
different from the decompression feature supported by the Stratix II FPGAs and the
Cyclone series. When configuring Stratix II FPGAs or the Cyclone series using
enhanced configuration devices, Altera recommends enabling decompression in
Stratix II FPGAS or the Cyclone series only for faster configuration.
The compression algorithm used in Altera devices is optimized for FPGA
configuration bitstreams. Since FPGAs have several layers of routing structures (for
high performance and easy routability), large amounts of resources go unused. These
unused routing and logic resources as well as un-initialized memory structures result
in a large number of configuration RAM bits in the disabled state. Altera's proprietary
compression algorithm takes advantage of such bitstream qualities.
The general guideline for effectiveness of compression is the higher the device
logic/routing utilization, the lower the compression ratio (where the compression
ratio is defined as the original bitstream size divided by the compressed bitstream
size).
For Stratix designs, based on a suite of designs with varying amounts of logic
utilization, the minimum compression ratio was observed to be 1.9 or a ~47% size
reduction for these designs. Table 1–6 lists sample compression ratios from a suite of
Stratix designs. These numbers serve as a guideline (not a specification) to help you
allocate sufficient configuration memory to store compressed bitstreams.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com