Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE925PWG4 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE925PWG4
Description  PROGRAMMABLE 2-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V and 3.3-V LVCMOS OUTPUTS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE925PWG4 Datasheet(HTML) 19 Page - Texas Instruments

Back Button CDCE925PWG4 Datasheet HTML 15Page - Texas Instruments CDCE925PWG4 Datasheet HTML 16Page - Texas Instruments CDCE925PWG4 Datasheet HTML 17Page - Texas Instruments CDCE925PWG4 Datasheet HTML 18Page - Texas Instruments CDCE925PWG4 Datasheet HTML 19Page - Texas Instruments CDCE925PWG4 Datasheet HTML 20Page - Texas Instruments CDCE925PWG4 Datasheet HTML 21Page - Texas Instruments CDCE925PWG4 Datasheet HTML 22Page - Texas Instruments CDCE925PWG4 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
CDCE925
CDCEL925
www.ti.com
SCAS847F – JULY 2007 – REVISED MARCH 2010
Table 11. PLL2 Configuration Register
OFFSET(1)
Bit(2)
Acronym
Default(3)
DESCRIPTION
20h
7:5
SSC2_7 [2:0]
000b
SSC2: PLL2 SSC Selection (Modulation Amount)(4)
4:2
SSC2_6 [2:0]
000b
Down
Center
000 (off)
000 (off)
1:0
SSC2_5 [2:1]
001 – 0.25%
001 ± 0.25%
000b
010 – 0.5%
010 ± 0.5%
21h
7
SSC2_5 [0]
011 – 0.75%
011 ± 0.75%
6:4
SSC2_4 [2:0]
000b
100 – 1.0%
100 ± 1.0%
101 – 1.25%
101 ± 1.25%
3:1
SSC2_3 [2:0]
000b
110 – 1.5%
110 ± 1.5%
0
SSC2_2 [2]
111 – 2.0%
111 ± 2.0%
000b
22h
7:6
SSC2_2 [1:0]
5:3
SSC2_1 [2:0]
000b
2:0
SSC2_0 [2:0]
000b
23h
7
FS2_7
0b
FS2_x: PLL2 Frequency Selection(4)
6
FS2_6
0b
0 – fVCO2_0 (predefined by PLL2_0 – Multiplier/Divider value)
1 – fVCO2_1 (predefined by PLL2_1 – Multiplier/Divider value)
5
FS2_5
0b
4
FS2_4
0b
3
FS2_3
0b
2
FS2_2
0b
1
FS2_1
0b
0
FS2_0
0b
24h
PLL2 Multiplexer:
0 – PLL2
7
MUX2
1b
1 – PLL2 Bypass (PLL2 is in power down)
Output Y4 Multiplexer:
0 – Pdiv2
6
M4
1b
1 – Pdiv4
Output Y5 Multiplexer:
00 – Pdiv2-Divider
01 – Pdiv4-Divider
5:4
M5
10b
10 – Pdiv5-Divider
11 – reserved
3:2
Y4Y5_ST1
11b
Y4,
00 – Y4/Y5 disabled to 3-State (PLL2 is in power down)
Y5-State0/1definition:
01 – Y4/Y5 disabled to 3-State (PLL2 on)
10–Y4/Y5 disabled to low (PLL2 on)
1:0
Y4Y5_ST0
01b
11 – Y4/Y5 enabled (normal operation, PLL2 on)
25h
7
Y4Y5_7
0b
Y4Y5_x Output State Selection(4)
6
Y4Y5_6
0b
0 – state0 (predefined by Y4Y5_ST0)
1 – state1 (predefined by Y4Y5_ST1)
5
Y4Y5_5
0b
4
Y4Y5_4
0b
3
Y4Y5_3
0b
2
Y4Y5_2
0b
1
Y4Y5_1
1b
0
Y4Y5_0
0b
26h
PLL2 SSC down/center selection:
0 – down
7
SSC2DC
0b
1 – center
7-Bit Y4-Output-Divider Pdiv4:
0 – reset and stand-by
6:0
Pdiv4
01h
1-to-127 – divider value
27h
7
—
0b
Reserved – do not write others than 0
7-Bit Y5-Output-Divider Pdiv5:
0 – reset and stand-by
6:0
Pdiv5
01h
1-to-127 – divider value
(1)
Writing data beyond 30h may adversely affect device function.
(2)
All data is transferred MSB-first.
(3)
Unless a custom setting is used
(4)
The user can predefine up to eight different control settings. In normal device operation, these settings can be selected by the external
control pins, S0, S1, and S2.
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): CDCE925 CDCEL925



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com