Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC547B-AP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BC547B-AP
Description  NPN Silicon Amplifier Transistor 625mW
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC547B-AP Datasheet(HTML) 1 Page - Micro Commercial Components

  BC547B-AP Datasheet HTML 1Page - Micro Commercial Components BC547B-AP Datasheet HTML 2Page - Micro Commercial Components BC547B-AP Datasheet HTML 3Page - Micro Commercial Components BC547B-AP Datasheet HTML 4Page - Micro Commercial Components BC547B-AP Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
Through Hole Package
150
oC Junction Temperature
Mechanical Data
Case: TO-92, Molded Plastic
Polarity: indicated as below.
Maximum Ratings @ 25
oC Unless Otherwise Specified
Charateristic
Symbol Value
Unit
Collector-Emitter Voltage
BC546
BC547
BC548
V
CEO
65
45
30
V
Collector-Base Voltage
BC546
BC547
BC548
V
CBO
80
50
30
V
Emitter-Base Voltage
V
EBO
6.0
V
Collector Current(DC)
I
C
100
mA
Power Dissipation@T
A=25
oC
P
d
625
5.0
mW
mW/
oC
Power Dissipation@T
C=25
oC
P
d
1.5
12
W
mW/
oC
Thermal Resistance, Junction to
Ambient Air
200
oC/W
Thermal Resistance, Junction to
Case
83.3
oC/W
Operating & Storage Temperature
T
j,TSTG -55~150
oC
BC546B
BC547A
/B/C
BC548A
/B/C
NPN Silicon
Amplifier Transistor
625mW
RqJC
RqJA
TO-92
A
E
B
C
D
G
Revision:
7
200
8/11/05
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.170
.190
4.33
4.83
B
.170
.190
4.30
4.83
C
.550
.590
13.97
14.97
D
.010
.020
0.36
0.56
E
.130
.160
3.30
3.96
G
.010
.104
2.44
2.64
TM
Micro Commercial Components
Case Material: Molded Plastic.
UL Flammability
Classification Rating 94V-0
and MSL rating 1
www.mccsemi.com
1 of 5
Marking:Type Number
3
2
1
1-Collector
2-Base
3-Emitter
• Lead Free Finish/Rohs Compliant)("P"Suffix designates
Compliant. See ordering information)


Similar Part No. - BC547B-AP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC547B MOTOROLA-BC547B Datasheet
193Kb / 6P
Amplifier Transistors
logo
ON Semiconductor
BC547B ONSEMI-BC547B Datasheet
140Kb / 6P
Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
NXP Semiconductors
BC547B PHILIPS-BC547B Datasheet
47Kb / 8P
NPN general purpose transistors
2004 Nov 25
logo
Siemens Semiconductor G...
BC547B SIEMENS-BC547B Datasheet
210Kb / 6P
NPN Silicon Transistors
logo
Fairchild Semiconductor
BC547B FAIRCHILD-BC547B Datasheet
26Kb / 2P
NPN General Purpose Amplifier
More results

Similar Description - BC547B-AP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BC546B MCC-BC546B Datasheet
1Mb / 4P
NPN Silicon Amplifier Transistor 625mW
BC556 MCC-BC556 Datasheet
690Kb / 4P
PNP Silicon Amplifier Transistor 625mW
MPSA42 MCC-MPSA42_08 Datasheet
133Kb / 4P
NPN Silicon High Voltage Transistor 625mW
2N5401 MCC-2N5401 Datasheet
281Kb / 5P
PNP Silicon Amplifier Transistor 625mW
BC546A MCC-BC546A Datasheet
301Kb / 5P
NPN Silicon Amplifier Transistor 625mW
BC556 MCC-BC556_11 Datasheet
294Kb / 5P
PNP Silicon Amplifier Transistor 625mW
BC557C-AP MCC-BC557C-AP Datasheet
328Kb / 5P
PNP Silicon Amplifier Transistor 625mW
2N5401 MCC-2N5401_14 Datasheet
437Kb / 5P
PNP Silicon Amplifier Transistor 625mW
BC546A MCC-BC546A_13 Datasheet
341Kb / 5P
NPN Silicon Amplifier Transistor 625mW
BC556A MCC-BC556A Datasheet
385Kb / 5P
PNP Silicon Amplifier Transistor 625mW
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com