Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC1G66DBVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G66DBVR
Description  SINGLE BILATERAL ANALOG SWITCH
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G66DBVR Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC1G66DBVR Datasheet HTML 1Page - Texas Instruments SN74LVC1G66DBVR Datasheet HTML 2Page - Texas Instruments SN74LVC1G66DBVR Datasheet HTML 3Page - Texas Instruments SN74LVC1G66DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC1G66DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC1G66DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC1G66DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC1G66DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC1G66DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.ti.com
B
C
A
1
4
2
Absolute Maximum Ratings
(1)
SN74LVC1G66
SINGLE BILATERAL ANALOG SWITCH
SCES323L – JUNE 2001 – REVISED JANUARY 2007
FUNCTION TABLE
CONTROL
INPUT
SWITCH
(C)
L
OFF
H
ON
LOGIC DIAGRAM (POSITIVE LOGIC)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range(2)
–0.5
6.5
V
VI
Input voltage range(2)(3)
–0.5
6.5
V
VI/O
Switch I/O voltage range(2)(3)(4)
–0.5
VCC + 0.5
V
IIK
Control input clamp current
VI < 0
–50
mA
IIOK
I/O port diode current
VI/O < 0 or VI/O > VCC
±50
mA
IT
On-state switch current
VI/O < 0 to VCC
±50
mA
Continuous current through VCC or GND
±100
mA
DBV package
206
DCK package
252
θ
JA
Package thermal impedance(5)
°C/W
DRL package
142
YZP package
132
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to ground, unless otherwise specified.
(3)
The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(4)
This value is limited to 5.5 V maximum.
(5)
The package thermal impedance is calculated in accordance with JESD 51-7.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com