Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC1G66DBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G66DBVT
Description  SINGLE BILATERAL ANALOG SWITCH
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G66DBVT Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC1G66DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC1G66DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1G66DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1G66DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1G66DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1G66DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1G66DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G66DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G66DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
www.ti.com
Recommended Operating Conditions
(1)
Electrical Characteristics
SN74LVC1G66
SINGLE BILATERAL ANALOG SWITCH
SCES323L – JUNE 2001 – REVISED JANUARY 2007
MIN
MAX
UNIT
VCC
Supply voltage
1.65
5.5
V
VI/O
I/O port voltage
0
VCC
V
VCC = 1.65 V to 1.95 V
VCC × 0.65
VCC = 2.3 V to 2.7 V
VCC × 0.7
VIH
High-level input voltage, control input
V
VCC = 3 V to 3.6 V
VCC × 0.7
VCC = 4.5 V to 5.5 V
VCC × 0.7
VCC = 1.65 V to 1.95 V
VCC × 0.35
VCC = 2.3 V to 2.7 V
VCC × 0.3
VIL
Low-level input voltage, control input
V
VCC = 3 V to 3.6 V
VCC × 0.3
VCC = 4.5 V to 5.5 V
VCC × 0.3
VI
Control input voltage
0
5.5
V
VCC = 1.65 V to 1.95 V
20
VCC = 2.3 V to 2.7 V
20
∆t/∆v
Input transition rise/fall time
ns/V
VCC = 3 V to 3.6 V
10
VCC = 4.5 V to 5.5 V
10
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
IS = 4 mA
1.65 V
12
30
VI = VCC or GND,
IS = 8 mA
2.3 V
9
20
VC = VIH
ron
On-state switch resistance
Ω
(see Figure 1 and
IS = 24 mA
3 V
7.5
15
Figure 2)
IS = 32 mA
4.5 V
5.5
10
IS = 4 mA
1.65 V
74.5
120
VI = VCC or GND,
IS = 8 mA
2.3 V
20
30
VC = VIH
ron(p)
Peak on resistance
Ω
(see Figure 1 and
IS = 24 mA
3 V
11.5
20
Figure 2)
IS = 32 mA
4.5 V
7.5
15
VI = VCC and VO = GND or
±1
Off-state switch leakage
IS(off)
VI = GND and VO = VCC,
5.5 V
µA
current
±0.1(1)
VC = VIL (see Figure 3)
±1
On-state switch leakage
VI = VCC or GND, VC = VIH, VO = Open
IS(on)
5.5 V
µA
current
(see Figure 4)
±0.1(1)
±1
II
Control input current
VC = VCC or GND
5.5 V
µA
±0.1(1)
10
ICC
Supply current
VC = VCC or GND
5.5 V
µA
1(1)
∆I
CC
Supply current change
VC = VCC – 0.6 V
5.5 V
500
µA
Cic
Control input capacitance
5 V
2
pF
Switch input/output
Cio(off)
5 V
6
pF
capacitance
Switch input/output
5 V
Cio(on)
13
pF
capacitance
(1)
TA = 25°C
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com