Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTS-33 Datasheet(PDF) 2 Page - Recom International Power

Part # RTS-33
Description  ECONOLINE - DC/DC - CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RTS-33 Datasheet(HTML) 2 Page - Recom International Power

  RTS-33 Datasheet HTML 1Page - Recom International Power RTS-33 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EC 50
www.recom-international.com
August 2002
Package Style and Pinning (mm)
RTD-0505
RECOM
****
12.70
1.80
1.20
85
24
1
12.70
1.80
1.20
10
7
24
15
7.05
0.20
2.54x4
14.84
1.65
15.24
7.05
0.20
2.54x3
12.40
1.65
12.75
10.00
8.60
11.80
9.00
9.30
0.50±0.5
2.54
RTS-0505
RECOM
****
0.50±0.5
2.57
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
3rd angle
projection
Dual Output
Single Output
ECONOLINE - DC/DC-Converter
RTS/RTD Series, 2 Watt, SMD (Single & Dual Output)
Pin Connections
Pin #
Single
Dual
1
–Vin
–Vin
2
+Vin
+Vin
4–Vout
Com
5+Vout
–Vout
7
No Pin
+Vout
8NC
No Pin
10
No Pin
NC
NC = No Connection
Recommended Footprint Details



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com