Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC114TKA Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DTC114TKA
Description  NPN Digital Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DTC114TKA Datasheet(HTML) 1 Page - Micro Commercial Components

  DTC114TKA Datasheet HTML 1Page - Micro Commercial Components DTC114TKA Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DTC114TKA
NPN Digital Transistor
Features
•
Built-in bias resistors enable the configuration of an inverter circuit
without connecting external input resistors (see equivalent circuit)
•
The bias resistors consist of thin-film resistors with complete
isolation to allow negative biasing of the input. They also have the
advantage of almost completely eliminating parasitic effects
•
Only the on/off conditions need to be set for operation, making
device design easy
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base voltage
VEBO
5
V
Collector Current-Continuous
IC
100
mA
Collector Dissipation
PC
200
mW
Junction Temperature
TJ
150
℃
Storage Temperature Range
TSTG
-55~150
℃
Electrical Characteristics
Sym
Parameter
Min
Typ
Max
Unit
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=50uA, IE=0)
50
---
---
V
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=1mA, IB=0)
50
---
---
V
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=50uA, IC=0)
5
---
---
V
ICBO
Collector Cut-off Current
(VCB=50V, IE=0)
---
---
0.5
uA
IEBO
Emitter Cut-off Current
(VEB=4V, IC=0)
hFE
DC Current Gain
(VCE=5V, IC=1mA)
100
300
600
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=10mA, IB=1mA)
---
---
0.3
V
R1
Input Resistor
7
10
13
KΩ
fT
Transition Frequency
(VCE=10V, IC=-5mA, f=100MHz)
---
250
---
MHz
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
www.mccsemi.com
Revision: 1
2005/06/29
---
---
0.5
uA
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.113
.117
2.87
2.97
B
.108
.112
2.75
2.85
C
.061
.065
1.55
1.65
D
.036
.038
.925
.975
E
.073
.077
1.85
1.95
G
.0016
.0039
.04
.100
H
.044
.049
1.12
1.25
J
.006
.007
.14
.17
K
.013
.015
.34
.37
A
B
C
D
E
G
H
J
K
Suggested Solder
Pad Layout
.087
2.200
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
DIMENSIONS
SOT-23-3L
3
1
2
1. Base
2. Emitter
3. Collector
TM
Micro Commercial Components


Similar Part No. - DTC114TKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC114TKA ROHM-DTC114TKA Datasheet
103Kb / 4P
Digital transistors (built in resistor)
logo
Jiangsu Changjiang Elec...
DTC114TKA JIANGSU-DTC114TKA Datasheet
96Kb / 2P
Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC114TKA SECOS-DTC114TKA Datasheet
199Kb / 2P
NPN Digital Transistors (Built-in Resistors)
logo
Rohm
DTC114TKA ROHM-DTC114TKA Datasheet
85Kb / 3P
100mA / 50V Digital transistors (with built-in resistors)
logo
Rectron Semiconductor
DTC114TKA RECTRON-DTC114TKA Datasheet
348Kb / 3P
SOT-23-3L DIGITAL TRANSISTOR TRANSISTORS(NPN)
More results

Similar Description - DTC114TKA

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
DTC143ZCA-SOT-23 JIANGSU-DTC143ZCA-SOT-23 Datasheet
48Kb / 1P
DIGITAL TRANSISTOR(NPN)
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Micro Commercial Compon...
DTC114TE MCC-DTC114TE_11 Datasheet
211Kb / 3P
NPN Digital Transistor
DTC114TUA MCC-DTC114TUA_11 Datasheet
220Kb / 3P
NPN Digital Transistor
DTC144TCA MCC-DTC144TCA_11 Datasheet
207Kb / 3P
NPN Digital Transistor
logo
Shenzhen Jin Yu Semicon...
EMH3 HTSEMI-EMH3 Datasheet
481Kb / 1P
DIGITAL TRANSISTOR (NPN NPN)
EMH4 HTSEMI-EMH4 Datasheet
447Kb / 1P
digital transistor (NPN NPN)
EMH9 HTSEMI-EMH9 Datasheet
546Kb / 1P
digital transistor (NPN NPN)
UMG2N HTSEMI-UMG2N Datasheet
1,003Kb / 1P
DIGITAL TRANSISTOR (NPN NPN)
UMH15N HTSEMI-UMH15N Datasheet
860Kb / 1P
DIGITAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com