Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS1Q Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # SS1Q
Description  SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?200V CURRENT竊?1.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SS1Q Datasheet(HTML) 1 Page - Gulf Semiconductor

  SS1Q Datasheet HTML 1Page - Gulf Semiconductor SS1Q Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
www.gulfsemi.com
SS
SS
SS
SS1
1
1
1Q
Q
Q
Q
SINTERED
SINTERED
SINTERED
SINTERED GLASS
GLASS
GLASS
GLASS JUNCTION
JUNCTION
JUNCTION
JUNCTION
SURFACE
SURFACE
SURFACE
SURFACE MOUNTED
MOUNTED
MOUNTED
MOUNTED RECTIFIER
RECTIFIER
RECTIFIER
RECTIFIER
VOLTAGE
VOLTAGE
VOLTAGE
VOLTAGE:1
1
1
1200V
200V
200V
200V
CURRENT
CURRENT
CURRENT
CURRENT: 1.0
1.0
1.0
1.0A
A
A
A
FEATURE
FEATURE
FEATURE
FEATURE
GF1/
GF1/
GF1/
GF1/ DO-214BA
DO-214BA
DO-214BA
DO-214BA
For surface mounted application
High temperature metallurgic ally bonded
Sintered glass junction
Capability of meeting environmental standard of
MIL-S-19500
High temperature soldering guaranteed
450℃/10sec/at terminal/complete device
Submersible temperature of 265℃ for 10sec
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL DATA
DATA
DATA
DATA
Terminal:Plated Terminal, solderable per
MIL-STD 202, method 208C
Case:Molded with UL-94 class V-0 recognized
Flame Retardant Epoxy over Glass
Polarity:color band denotes cathode end
Dimensions in inches and (millimeters)
MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM RATINGS
RATINGS
RATINGS
RATINGS AND
AND
AND
AND ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
(single—phase, half —wave, 60HZ, resistive or inductive load rating at 25℃, unless otherwise stated,
for capacitive load, derate current by 20%)
SYMBOL
SS1Q
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
1200
V
Maximum RMS Voltage
Vrms
840
V
Maximum DC blocking Voltage
Vdc
1200
V
Maximum Average Forward Rectified
Current
If(av)
1.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
30.0
A
Maximum Forward Voltage
at rated Forward current
Ta =25℃
Vf
1.2
V
Maximum full load reverse current
full cycle average at 75℃ ambient
Ir(av)
30.0
μA
Maximum DC Reverse Current
Ta =25℃
at rated DC blocking voltage
Ta =125℃
Ir
5.0
50.0
μA
μA
Typical Junction Capacitance
(Note 1)
Cj
15.0
pF
Typical Thermal Resistance
(Note 2)
R(ja)
80.0
℃/W
Operating and Storage Temperature Range
Tst, Tj
-65 to +175
℃
Note:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
2. Thermal Resistance from Junction to Ambient 6.0mm2 copper pad to each terminal
RATINGS
RATINGS
RATINGS
RATINGS AND
AND
AND
AND CHARACTERISTIC
CHARACTERISTIC
CHARACTERISTIC
CHARACTERISTIC CURVES
CURVES
CURVES
CURVES SS
SS
SS
SS1
1
1
1Q
Q
Q
Q


Similar Part No. - SS1Q

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
SS1 APEX-ELECTRONICS-SS1 Datasheet
482Kb / 1P
Slim Slide Switch, multiple contact arrangement
SS1-S4 APEX-ELECTRONICS-SS1-S4 Datasheet
482Kb / 1P
Slim Slide Switch, multiple contact arrangement
SS1-S6 APEX-ELECTRONICS-SS1-S6 Datasheet
482Kb / 1P
Slim Slide Switch, multiple contact arrangement
logo
TOKYO SEIMITSU CO., LTD
SS10 ACCRETECH-SS10 Datasheet
574Kb / 2P
New standard for the semi-automatic dicer with new operability
logo
Richco, Inc.
SS10-10 RICHCO-SS10-10 Datasheet
52Kb / 1P
ROUND SPACERS SEIRIES
More results

Similar Description - SS1Q

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N5620 GULFSEMI-1N5620 Datasheet
81Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
1N5620GP GULFSEMI-1N5620GP Datasheet
184Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
BYG10Y GULFSEMI-BYG10Y Datasheet
140Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?600 V CURRENT竊?1.5A
SBYD17D GULFSEMI-SBYD17D Datasheet
151Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
SBYV26A GULFSEMI-SBYV26A Datasheet
101Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?200 to 1400V CURRENT: 1.0A
SR1A GULFSEMI-SR1A Datasheet
187Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
SR1D-E GULFSEMI-SR1D-E Datasheet
161Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
SS1A GULFSEMI-SS1A Datasheet
147Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
SS1T GULFSEMI-SS1T Datasheet
169Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?300V CURRENT竊?1.0A
SU1A GULFSEMI-SU1A Datasheet
129Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com