Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSF2JG Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # SSF2JG
Description  ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 50 TO 800V CURRENT: 2.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SSF2JG Datasheet(HTML) 1 Page - Gulf Semiconductor

  SSF2JG Datasheet HTML 1Page - Gulf Semiconductor SSF2JG Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
www.gulfsemi.com
S
S
S
SS
S
S
SF
F
F
F2AG
2AG
2AG
2AG THRU
THRU
THRU
THRU S
S
S
SS
S
S
SF
F
F
F2KG
2KG
2KG
2KG
ULTRAFAST
ULTRAFAST
ULTRAFAST
ULTRAFAST EFFICIENT
EFFICIENT
EFFICIENT
EFFICIENT
G
G
G
GLASS
LASS
LASS
LASS PASSIVATED
PASSIVATED
PASSIVATED
PASSIVATED RECTIFIER
RECTIFIER
RECTIFIER
RECTIFIER
VOLTAGE:
VOLTAGE:
VOLTAGE:
VOLTAGE: 50
50
50
50 TO
TO
TO
TO 800V
800V
800V
800V
CURRENT
CURRENT
CURRENT
CURRENT:::: 2
2
2
2.0
.0
.0
.0A
A
A
A
FEATURE
FEATURE
FEATURE
FEATURE
DO-15\DO-201AC
DO-15\DO-201AC
DO-15\DO-201AC
DO-15\DO-201AC
Low power loss
High surge capability
Ultra-fast recovery time for high efficiency
Glass passivated chip junction
High temperature soldering guaranteed
250°C/10sec/0.375”lead length at 5 lbs tension
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL DATA
DATA
DATA
DATA
Terminal:Plated axial leads solderable per
MIL-STD 202E, method 208C
Case:Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity:color band denotes cathode
Mounting position:any
Dimensions in inches and (millimeters)
MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM RATINGS
RATINGS
RATINGS
RATINGS AND
AND
AND
AND ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25°C, unless otherwise stated)
SYMBOL
SSF2
AG
SSF2
BG
SSF2
DG
SSF2
GG
SSF2
JG
SSF2
KG
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
200
400
600
800
V
Maximum RMS Voltage
Vrms
35
70
140
280
420
560
V
Maximum DC blocking Voltage
Vdc
50
100
200
400
600
800
V
Maximum Average Forward Rectified
Current 3/8”lead length at Ta =55°C
If(av)
2.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
60.0
A
Maximum Forward Voltage at Forward current
2A Peak
Vf
0.95
1.25
1.70
V
Maximum DC Reverse Current
Ta =25°C
at rated DC blocking voltage
Ta =125°C
Ir
10.0
100.0
µA
µA
Maximum Reverse Recovery Time
(Note 1)
Trr
30
30
35
nS
Typical Junction Capacitance
(Note 2)
Cj
65
pF
Storage and Operating Junction Temperature
Tstg,Tj
-55 to +150
°C
Note:
1. Reverse Recovery Condition If =
=
=
=0.5A, Ir =1.0A, Irr =0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc


Similar Part No. - SSF2JG

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SSF2JGS GULFSEMI-SSF2JGS Datasheet
112Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 600V CURRENT: 2.0A
More results

Similar Description - SSF2JG

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
MUR105 GULFSEMI-MUR105 Datasheet
97Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
MUR180 GULFSEMI-MUR180 Datasheet
85Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 800V CURRENT:1.0A
MURS180-A GULFSEMI-MURS180-A Datasheet
114Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 800V CURRENT: 1.0A
RL3JG GULFSEMI-RL3JG Datasheet
59Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?600V CURRENT竊?2.0A
SSF1AG GULFSEMI-SSF1AG Datasheet
104Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 400V CURRENT: 1.0A
SSF1KG GULFSEMI-SSF1KG Datasheet
100Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 800V CURRENT: 1.0A
SSF2JGS GULFSEMI-SSF2JGS Datasheet
112Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 600V CURRENT: 2.0A
SSF4AG GULFSEMI-SSF4AG Datasheet
88Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 50 TO 800V CURRENT: 4.0A
SSF5AG GULFSEMI-SSF5AG Datasheet
80Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 400V CURRENT: 5.0A
UF2004A GULFSEMI-UF2004A Datasheet
85Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?2.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com