Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC06ADE4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC06ADE4
Description  HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC06ADE4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC06ADE4 Datasheet HTML 1Page - Texas Instruments SN74LVC06ADE4 Datasheet HTML 2Page - Texas Instruments SN74LVC06ADE4 Datasheet HTML 3Page - Texas Instruments SN74LVC06ADE4 Datasheet HTML 4Page - Texas Instruments SN74LVC06ADE4 Datasheet HTML 5Page - Texas Instruments SN74LVC06ADE4 Datasheet HTML 6Page - Texas Instruments SN74LVC06ADE4 Datasheet HTML 7Page - Texas Instruments SN74LVC06ADE4 Datasheet HTML 8Page - Texas Instruments SN74LVC06ADE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.ti.com
Switching Characteristics
Operating Characteristics
SN54LVC06A, SN74LVC06A
HEX INVERTER BUFFERS/DRIVERS
WITH OPEN-DRAIN OUTPUTS
SCAS596N – OCTOBER 1997 – REVISED JULY 2005
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
SN74LVC06A
FROM
TO
PARAMETER
VCC
TA = 25°C
–40
°C to 85°C –40°C to 125°C
UNIT
(INPUT)
(OUTPUT)
MIN
TYP MAX
MIN MAX
MIN
MAX
1.8 V
± 0.15 V
1.4
3
5.1
1.4
5.6
1.4
7.6
2.5 V
± 0.2 V
1
1.9
2.8
1
3.1
1
4
tpd
A
Y
ns
2.7 V
1
2.4
3.7
1
3.9
1
5
3.3 V
± 0.3 V
1
2.2
3.5
1
3.7
1
5
T
A = 25°C
TEST
PARAMETER
VCC
TYP
UNIT
CONDITIONS
1.8 V
2.1
Cpd
Power dissipation capacitance per buffer/driver
f = 10 MHz
2.5 V
2.3
pF
3.3 V
2.5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com