Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R12L03 Datasheet(PDF) 2 Page - Recom International Power

Part # R12L03
Description  EUROLINE - DC/DC - CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R12L03 Datasheet(HTML) 2 Page - Recom International Power

  R12L03 Datasheet HTML 1Page - Recom International Power R12L03 Datasheet HTML 2Page - Recom International Power R12L03 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.recom-international.com
EU 3
Electrical Specifications (measured at T
A = 25°C, at nominal input voltage and rated output current unless otherwise specified)
Input Voltage Range V
IN (continuous operation)
3V types
3.3VDC ±10%
5V types
5VDC ±10%
12V types
12VDC ±10%
Output Voltage Accuracy (depending on the type)
see Tolerance Envelope Graph
Load Voltage Regulation (10% load to 100% full load)
3.3V and 5V output types
15% max.
9V, 12V and 15V output types
10% max.
Line Voltage Regulation (10% load to 100% full load)
1.2% / 1.0% of V
IN
Input Reflected Ripple (20MHz band limited)
3V types
50mVp-p max.
5V and 12V types
40mVp-p max.
Output Ripple (20MHz band limited)
3V types
75mVp-p max.
5V and 12V types
100mVp-p max.
Isolation Voltage (flash tested for 1 second)
1000VDC
Insulation Resistance at 500VDC
1000MΩ min.
Switching Frequency at Full Load (typical)
100kHz max.
Package Weight
SIP types
1.4 g
DIP types
1.5 g
Efficiency (at full load)
3.3V and 5V output types
70% typ. / 60% min.
9V, 12V and 15V output types
75% typ. / 70% min.
Operating Free Air Temperature Range (requires a minimum of 10 mm air space around the component)
0°C to 70°C (see derating Curve)
Temperature Drift (V
OUT)
0.03% per °C max.
Temperature Rise above Ambient (at full load)
10°C max.
No Load Power Consumption (typical)
3V types
50mW typ.
5V and 12V types
30mW typ.
MTTF 1) (depending on the type)
–25°C
273kHrs min. / 3293kHrs max.
+25°C
237kHrs min. / 2767kHrs max.
+75°C
208kHrs min. / 2319kHrs max.
1). Calculated using MIL-HDBK-217F with nominal input voltage at full load.
Please contact us, if you need exact parameters for the converter you have selected.
EUROLINE - DC/DC-Converter
RxxL and RxxM Series, 0.25 Watt, DIP8/SIP4, 1kVDC Isolation (Single Output)
Typical Characteristics, Tolerance Envelope and Temperature Derating Graph
Total Output Current (%)
40
60
80
20
-5
0
+5
+10
0
100
-10
0312
0315
0309
0305
Total Output Current (%)
40
60
80
20
40
60
80
100
0
100
20
1215
1209, 1212
1205
R12L/Mxx
Total Output Current (%)
40
60
80
20
-5
0
+5
+10
0
100
-10
1212
1205
1215
1209
Tolerance Envelope
Total Output Current (%)
40
60
80
20
40
60
80
100
0
100
20
0505
0509, 0512
0515
R05L/Mxx
R03L/Mxx
Total Output Current (%)
40
60
80
20
40
60
80
100
0
100
20
0309, 0312
0305, 0315
Total Output Current (%)
40
60
80
20
-5
0
+5
+10
0
100
-10
0512
0515
0509
0505
+10%
+5%
V Nom.
+2,5%
– 2,5%
10%
50%
100%
Output Load Current (%)
– 7,5%
Typical Load L
ine
Temper. Derating Graph
Ambient Temperature ˚C
0.125
100
50
0
-40
70
125
150
0
0.500
0.375
0.250
Safe
Operating Area



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com