Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1F2G Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # 1F2G
Description  FAST RECOVERY GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

1F2G Datasheet(HTML) 1 Page - Rectron Semiconductor

  1F2G Datasheet HTML 1Page - Rectron Semiconductor 1F2G Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FAST RECOVERY
GLASS PASSIVATED RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Fast switching
* Low leakage
* Low forward voltage drop
* High current capability
* High currenf surge
* High reliability
* Glass passivated junction
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.19 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
1F1G
THRU
1F7G
R-1
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
NOTES : 1. Reverse Recovery Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A
2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts
Dimensions in inches and (millimeters)
2001-5
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 25
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
1F1G
1F2G
1F3G
1F4G
1F5G
1F6G
1F7G
UNITS
50
100
400
800
1000
Volts
Volts
Volts
Amps
35
50
420
600
70
100
280
400
600
560
800
700
1000
1.0
25
15
-65 to + 175
Amps
pF
0 C
200
140
200
at Rated DC Blocking Voltage TA = 25
oC
CHARACTERISTICS
Maximum Full Load Reverse Current Full Cycle Average,
.375” (9.5mm) lead length at TL = 55
oC
Maximum Reverse Recovery Time (Note 1)
VF
SYMBOL
IR
trr
1F1G
1F2G
1F3G
1F4G
1F5G
1F6G
1F7G
UNITS
1.3
5.0
100
150
250
500
uAmps
uAmps
nSec
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 1.0A DC
Volts
.787 (20.0)
MIN.
.106 (2.7)
.126 (3.2)
.787 (20.0)
MIN.
.102 (2.6)
.091 (2.3)
DIA.
.025 (0.65)
.021 (0.55)
DIA.


Similar Part No. - 1F2G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1F2G PANJIT-1F2G Datasheet
389Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Amperes)
1F2G PANJIT-1F2G Datasheet
53Kb / 2P
GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
1F2G DAESAN-1F2G Datasheet
313Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
logo
GOOD-ARK Electronics
1F2G GOOD-ARK-1F2G Datasheet
158Kb / 2P
Glass Passivated Fast Recovery Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
logo
Chongqing Pingwei Enter...
1F2G CHONGQING-1F2G Datasheet
40Kb / 1P
FAST RECOVERY PLASTIC RECTIFIER
More results

Similar Description - 1F2G

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
FR301G SSE-FR301G Datasheet
15Kb / 1P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Shanghai Lunsure Electr...
1N4933G CHENYI-1N4933G Datasheet
136Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
List of Unclassifed Man...
FR801G ETC-FR801G Datasheet
149Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Comchip Technology
FR8A01F-G COMCHIP-FR8A01F-G Datasheet
47Kb / 2P
Glass Passivated Fast Recovery Rectifier
logo
MIC GROUP RECTIFIERS
1N4933G MIC-1N4933G Datasheet
53Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Unisonic Technologies
FR104G UTC-FR104G Datasheet
197Kb / 4P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Jinan Jing Heng Electro...
FR301G JINGHENG-FR301G Datasheet
57Kb / 2P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
RS3A JINGHENG-RS3A Datasheet
46Kb / 2P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Nantong Hornby Electron...
FR80X HORNBY-FR80X Datasheet
273Kb / 3P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
FR160X HORNBY-FR160X Datasheet
270Kb / 3P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com