Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UESP10D Datasheet(PDF) 2 Page - Gulf Semiconductor

Part # UESP10D
Description  Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:10.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

UESP10D Datasheet(HTML) 2 Page - Gulf Semiconductor

  UESP10D Datasheet HTML 1Page - Gulf Semiconductor UESP10D Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
RATINGS AND CHARACTERISTIC CURVES UESP10D
1Rev.0
www.gulfsemi.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com