Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2409D Datasheet(PDF) 2 Page - Recom International Power

Part # R2409D
Description  EUROLINE - DC/DC - CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R2409D Datasheet(HTML) 2 Page - Recom International Power

  R2409D Datasheet HTML 1Page - Recom International Power R2409D Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.recom-international.com
EU 23
EUROLINE - DC/DC-Converter
RxxPxx Series, 1 Watt, SIP7, 5.2kVDC Isolation (Dual Output)
Typical Characteristics, Tolerance Envelope and Temperature Derating Graph
Package Style and Pinning (mm)
Tolerance Envelope
R05Pxx
Total Output Current (%)
40
60
80
100
20
0512
0509, 0515
40
60
80
20
0
100
0505
0512
Total Output Current (%)
–5
0
+5
+10
–10
0505
40
60
80
20
0
100
0515
0509
R12Pxx
Temperature Derating Graph
Total Output Current (%)
40
60
80
100
20
1205
40
60
80
20
0
100
1209, 1212, 1215
Total Output Current (%)
1215
–5
0
+10
+15
–10
1209, 1212
40
60
80
20
0
100
1205
+10%
+5%
V Nom.
+2,5%
– 2,5%
10%
50%
100%
Output Load Current (%)
– 7,5%
Typical Load L
ine
Ambient Temperature ˚C
0.5
100
50
0
-40
85
150
0
2.0
1.5
1.0
Safe
Operating Area
2.40 typ.
15.24
1.88±0.50
0.50±0.05
0.51±0.05
4.1
2.54
12.50
RxxPxx
RECOM
****
0.50±0.05
9.80
19.50
2.54
1.00ø+0.15/–0
2.54
12
5
7
6
7 Pin SIP Package Style
Recommended Footprint Details
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Connections
Pin #
Single
1
+Vin
2
GND
5–Vout
60V
7+Vout



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com