Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2106003-2 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 2106003-2
Description  IDC SSL Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2106003-2 Datasheet(HTML) 2 Page - Tyco Electronics

  2106003-2 Datasheet HTML 1Page - Tyco Electronics 2106003-2 Datasheet HTML 2Page - Tyco Electronics 2106003-2 Datasheet HTML 3Page - Tyco Electronics 2106003-2 Datasheet HTML 4Page - Tyco Electronics 2106003-2 Datasheet HTML 5Page - Tyco Electronics 2106003-2 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
elecTrical
Operating Current : 8 AMPS (18 AWG only)
Maximum Operating Voltage : 250 VAC / 250 VDC
Dielectric Withstanding Voltage : 1500VAC
mecHanical
Operating Temperature : -40°C to 105°C
Wire Retention : 5 lbs. minimum
maTerialS
Housings : 94 V0 rated high temperature resistant thermoplastic
Contacts : Tin over nickel plated copper alloy
STandardS and SpecificaTionS
UL 1977
Design Objectives : 108-2404
Application Specification : 114-13266
Tape and Reel Packaging per EIA-481
Tyco Electronics I IDC SSL Connector
LIGHTING
APPLICATIONS
emergency
channel/Sign
indoor
Street & Stadium
commercial
refrigeration
office
architectural
digital Signage
IDC SSL Connector



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com