Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5616PHD Datasheet(PDF) 9 Page - Texas Instruments

Part # TAS5616PHD
Description  160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5616PHD Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5616PHD Datasheet HTML 5Page - Texas Instruments TAS5616PHD Datasheet HTML 6Page - Texas Instruments TAS5616PHD Datasheet HTML 7Page - Texas Instruments TAS5616PHD Datasheet HTML 8Page - Texas Instruments TAS5616PHD Datasheet HTML 9Page - Texas Instruments TAS5616PHD Datasheet HTML 10Page - Texas Instruments TAS5616PHD Datasheet HTML 11Page - Texas Instruments TAS5616PHD Datasheet HTML 12Page - Texas Instruments TAS5616PHD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
TAS5616
www.ti.com
SLAS596B – JUNE 2009 – REVISED JANUARY 2010
ELECTRICAL CHARACTERISTICS
PVDD_X = 50 V, GVDD_X = 12 V, VDD = 12 V, TC (Case temperature) = 75°C, fS = 384 kHz, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INTERNAL VOLTAGE REGULATOR AND CURRENT CONSUMPTION
Voltage regulator, only used as reference
VREG
VDD = 12 V
3
3.3
3.6
V
node
VI_CM
Analog comparator reference node
1.5
1.75
1.9
V
Operating, 50% duty cycle
22.5
IVDD
VDD supply current
mA
Idle, reset mode
22.5
50% duty cycle
8
IGVDD_x
Gate-supply current per half-bridge
mA
Reset mode
1.5
50% duty cycle without output filter or
9
mA
load
IPVDD_x
Half-bridge idle current
Reset mode, No switching
610
mA
OUTPUT-STAGE MOSFETs
RDS(on),LS
Drain-to-source resistance, (LS)
120
200
m
Ω
TJ = 25°C, exclude metallization
resistance, GVDD = 12 V
RDS(on),HS
Drain-to-source resistance, (HS)
120
200
m
Ω
I/O PROTECTION
Vuvp,G
Undervoltage protection limit, GVDD_x
9.5
V
Vuvp,hyst
(1)
0.6
V
OTW1(1)
Overtemperature warning 1
95
100
105
°C
OTW2(1)
Overtemperature warning 2
115
125
135
°C
Temperature drop needed below OTW
OTWHYST
(1)
temperature for OTW to be inactive after
25
°C
OTW event.
OTE(1)
Overtemperature error
145
155
165
°C
OTE-
OTE-OTW differential
30
°C
OTWdifferential
(1)
A reset needs to occur for SD to be released
OTEHYST
(1)
25
°C
following an OTE event
OLPC
Overload protection counter
fPWM = 384 kHz
2.6
ms
Resistor – programmable, nominal peak
current in 1
Ω load, 64 pin QFP package
10
A
(PHD)
ROCP = 22 kΩ
IOC
Overcurrent limit protection
Resistor – programmable, nominal peak
current in 1
Ω load, 44 pin PSOP3
10
A
package (DKD)
ROCP = 24 kΩ
Resistor – programmable, nominal peak
current in 1
Ω load,
IOC_LATCHED
Overcurrent limit protection
10
A
ROCP = 47 kΩ
Time from application of short condition to
IOCT
Overcurrent response time
150
ns
Hi-Z of affected half bridge
Connected when RESET is active to
IPD
Output pulldown current of each half bridge
provide bootstrap charge. Not used in SE
3
mA
mode.
STATIC DIGITAL SPECIFICATIONS
VIH
High level input voltage
2
V
INPUT_X, M1, M2, M3, RESET
VIL
Low level input voltage
0.8
V
Leakage
Input leakage current
100
mA
(1)
Specified by design.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :TAS5616



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com