Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL062ACDR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TL062ACDR
Description  LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL062ACDR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL062ACDR Datasheet HTML 7Page - Texas Instruments TL062ACDR Datasheet HTML 8Page - Texas Instruments TL062ACDR Datasheet HTML 9Page - Texas Instruments TL062ACDR Datasheet HTML 10Page - Texas Instruments TL062ACDR Datasheet HTML 11Page - Texas Instruments TL062ACDR Datasheet HTML 12Page - Texas Instruments TL062ACDR Datasheet HTML 13Page - Texas Instruments TL062ACDR Datasheet HTML 14Page - Texas Instruments TL062ACDR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
TL061, TL061A, TL061B, TL062, TL062A
TL062B, TL064, TL064A, TL064B
LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
SLOS078J − NOVEMBER 1978 − REVISED SEPTEMBER 2004
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 4
0
0
|VCC±| − Supply Voltage − V
±2.5
±5
±7.5
±10
±12.5
±15
246
8
10
12
14
16
RL = 10 kΩ
TA = 25°C
See Figure 2
MAXIMUM PEAK OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
Figure 5
−75
0
TA − Free-Air Temperature − °C
±2.5
±5
±7.5
±10
±12.5
±15
−50
−25
0
25
50
75
100
125
VCC± = ±15 V
RL = 10 kΩ
See Figure 2
MAXIMUM PEAK OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
Figure 6
See Figure 2
TA = 25°C
VCC± = ±15 V
0
100
RL − Load Resistance − Ω
1 k
10 k
±2.5
±5
±7.5
±10
±12.5
±15
200
400
700
2 k
4 k
7 k
MAXIMUM PEAK OUTPUT VOLTAGE
vs
LOAD RESISTANCE
VCC± = ±12 V
VCC± = ±5 V
f − Frequency − Hz
1 k
0
10 k
100 k
1 M
10 M
±2.5
±5
±7.5
±10
±12.5
±15
MAXIMUM PEAK OUTPUT VOLTAGE
vs
FREQUENCY
RL = 10 kΩ
TA = 25°C
See Figure 2
VCC
± = ±15 V
Figure 7
† Data at high and low temperatures are applicable only within the specified operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com