Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL082ACD Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TL082ACD
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL082ACD Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL082ACD Datasheet HTML 3Page - Texas Instruments TL082ACD Datasheet HTML 4Page - Texas Instruments TL082ACD Datasheet HTML 5Page - Texas Instruments TL082ACD Datasheet HTML 6Page - Texas Instruments TL082ACD Datasheet HTML 7Page - Texas Instruments TL082ACD Datasheet HTML 8Page - Texas Instruments TL082ACD Datasheet HTML 9Page - Texas Instruments TL082ACD Datasheet HTML 10Page - Texas Instruments TL082ACD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
TL081, TL081A, TL081B, TL082, TL082A, TL082B
TL084, TL084A, TL084B
JFET INPUT OPERATIONAL AMPLIFIERS
SLOS081G − FEBRUARY 1977 − REVISED SEPTEMBER 2004
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, VCC ± = ±15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TA
TL081M, TL082M
TL084Q, TL084M
UNIT
PARAMETER
TEST CONDITIONS†
TA
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VO = 0,
RS = 50 Ω
25
°C
3
6
3
9
mV
VIO
Input offset voltage
VO = 0,
RS = 50 Ω
Full range
9
15
mV
αVIO
Temperature
coefficient of input
offset voltage
VO = 0
RS = 50 Ω
Full range
18
18
µV/°C
IIO
Input offset current‡
VO = 0
25
°C
5
100
5
100
pA
IIO
Input offset current‡
VO = 0
125
°C
20
20
nA
IIB
Input bias current‡
VO = 0
25
°C
30
200
30
200
pA
IIB
Input bias current‡
VO = 0
125
°C
50
50
nA
VICR
Common-mode input
voltage range
25
°C
±11
−12
to
15
±11
− 12
to
15
V
Maximum peak
RL = 10 kΩ
25
°C
±12 ±13.5
±12 ±13.5
VOM
Maximum peak
output voltage swing
RL ≥ 10 kΩ
Full range
±12
±12
V
VOM
output voltage swing
RL ≥ 2 kΩ
Full range
±10
±12
±10
±12
V
AVD
Large-signal
differential voltage
VO = ± 10 V, RL ≥ 2 kΩ
25
°C
25
200
25
200
V/mV
AVD
differential voltage
amplification
VO = ± 10 V, RL ≥ 2 kΩ
Full range
15
15
V/mV
B1
Unity-gain bandwidth
25
°C
3
3
MHz
ri
Input resistance
25
°C
1012
1012
Ω
CMRR
Common-mode
rejection ratio
VIC = VICRmin,
VO = 0,
RS = 50 Ω
25
°C
80
86
80
86
dB
kSVR
Supply-voltage
rejection ratio
(
∆VCC±/∆VIO)
VCC = ± 15 V to ± 9 V,
VO = 0,
RS = 50 Ω
25
°C
80
86
80
86
dB
ICC
Supply current
(per amplifier)
VO = 0,
No load
25
°C
1.4
2.8
1.4
2.8
mA
VO1/VO2
Crosstalk attenuation
AVD = 100
25
°C
120
120
dB
† All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified.
‡ Input bias currents of a FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive, as shown in
Figure 17. Pulse techniques must be used that maintain the junction temperatures as close to the ambient temperature as possible.
operating characteristics, VCC± = ±15 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI = 10 V,
RL = 2 kΩ,
CL = 100 pF, See Figure 1
8∗
13
SR
Slew rate at unity gain
VI = 10 V,
T = − 55 C to 125 C,
RL = 2 kΩ,
CL = 100 pF,
5∗
V/
µs
SR
Slew rate at unity gain
VI = 10 V,
TA = − 55°C to 125°C, See Figure 1
5∗
V/
µs
tr
Rise time
VI = 20 mV,
RL = 2 kΩ,
CL = 100 pF, See Figure 1
0.05
µs
Overshoot factor
VI = 20 mV,
RL = 2 kΩ,CL = 100 pF, See Figure 1
20
%
Vn
Equivalent input noise
voltage
RS = 20 Ω
f = 1 kHz
18
nV/
√Hz
Vn
Equivalent input noise
voltage
RS = 20 Ω
f = 10 Hz to 10 kHz
4
µV
In
Equivalent input noise
current
RS = 20 Ω,
f = 1 kHz
0.01
pA/
√Hz
THD
Total harmonic distortion
VIrms = 6 V,
f = 1 kHz
AVD = 1,
RS ≤ 1 kΩ,
RL ≥ 2 kΩ,
0.003
%
∗On products compliant to MIL-PRF-38535, this parameter is not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com