Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL082ACDR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TL082ACDR
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL082ACDR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TL082ACDR Datasheet HTML 5Page - Texas Instruments TL082ACDR Datasheet HTML 6Page - Texas Instruments TL082ACDR Datasheet HTML 7Page - Texas Instruments TL082ACDR Datasheet HTML 8Page - Texas Instruments TL082ACDR Datasheet HTML 9Page - Texas Instruments TL082ACDR Datasheet HTML 10Page - Texas Instruments TL082ACDR Datasheet HTML 11Page - Texas Instruments TL082ACDR Datasheet HTML 12Page - Texas Instruments TL082ACDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
TL081, TL081A, TL081B, TL082, TL082A, TL082B
TL084, TL084A, TL084B
JFET INPUT OPERATIONAL AMPLIFIERS
SLOS081G − FEBRUARY 1977 − REVISED SEPTEMBER 2004
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
vs Frequency
5, 6, 7
VOM
Maximum peak output voltage
vs Frequency
vs Free-air temperature
5, 6, 7
8
VOM
Maximum peak output voltage
vs Free-air temperature
vs Load resistance
vs Supply voltage
8
9
10
vs Load resistance
vs Supply voltage
9
10
Large-signal differential voltage amplification
vs Free-air temperature
11
AVD
Large-signal differential voltage amplification
vs Free-air temperature
vs Frequency
11
12
AVD
Differential voltage amplification
vs Frequency with feed-forward compensation
13
PD
Total power dissipation
vs Free-air temperature
14
ICC
Supply current
vs Free-air temperature
15
ICC
Supply current
vs Free-air temperature
vs Supply voltage
15
16
IIB
Input bias current
vs Free-air temperature
17
Large-signal pulse response
vs Time
18
VO
Output voltage
vs Elapsed time
19
CMRR
Common-mode rejection ratio
vs Free-air temperature
20
Vn
Equivalent input noise voltage
vs Frequency
21
THD
Total harmonic distortion
vs Frequency
22
Figure 5
±15
±12.5
±10
±7.5
±5
±2.5
0
f − Frequency − Hz
1 k
10 k
100 k
1 M
10 M
RL = 10 kΩ
TA = 25°C
See Figure 2
VCC ± = ±15 V
VCC ± = ±10 V
VCC ± = ±5 V
MAXIMUM PEAK OUTPUT VOLTAGE
vs
FREQUENCY
100
Figure 6
MAXIMUM PEAK OUTPUT VOLTAGE
vs
FREQUENCY
VCC ± = ±5 V
VCC ± = ±10 V
VCC ± = ±15 V
RL = 2 kΩ
TA = 25°C
±15
±12.5
±10
±7.5
±5
±2.5
0
f − Frequency − Hz
100
1 k
10 k
1 M
10 M
See Figure 2
100 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com