Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC1G19DCKT Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74LVC1G19DCKT
Description  1-OF-2 DECODER/DEMULTIPLEXER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G19DCKT Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC1G19DCKT Datasheet HTML 1Page - Texas Instruments SN74LVC1G19DCKT Datasheet HTML 2Page - Texas Instruments SN74LVC1G19DCKT Datasheet HTML 3Page - Texas Instruments SN74LVC1G19DCKT Datasheet HTML 4Page - Texas Instruments SN74LVC1G19DCKT Datasheet HTML 5Page - Texas Instruments SN74LVC1G19DCKT Datasheet HTML 6Page - Texas Instruments SN74LVC1G19DCKT Datasheet HTML 7Page - Texas Instruments SN74LVC1G19DCKT Datasheet HTML 8Page - Texas Instruments SN74LVC1G19DCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
www.ti.com
Y
0
Y
1
SN74LVC1G19
1-OF-2 DECODER/DEMULTIPLEXER
SCES464E – JUNE 2003 – REVISED FEBRUARY 2007
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
SN74LVC1G19YZPR
NanoFree™ – WCSP (DSBGA)
Reel of 3000
_ _ _CY_
0.23-mm Large Bump – YZP (Pb-free)
SN74LVC1G19YZPRB
SON – DRY
Reel of 4000
SN74LVC1G19DRYR
CY_
SN74LVC1G19DBVR
SOT (SOT-23) – DBV
Reel of 3000
CY_
SN74LVC1G19DBVRE4
–40
°C to 85°C
SN74LVC1G19DCKR
SOT (SC-70) – DCK
Reel of 3000
SN74LVC1G19DCKRE4
CY_
SN74LVC1G19DCKRG4
SN74LVC1G19DRLR
SOT (SOT-553) – DRL
Reel of 4000
CY_
SN74LVC1G19DRLRG4
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBV/DCK/DRL/DRY: The actual top-side marking has one additional character that designates the assembly/test site.
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
FUNCTION TABLE
INPUTS
OUTPUTS
E
A
Y0
Y1
L
L
L
H
L
H
H
L
H
X
H
H
LOGIC DIAGRAM (POSITIVE LOGIC)
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com