Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL3472CD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL3472CD
Description  HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL3472CD Datasheet(HTML) 1 Page - Texas Instruments

  TL3472CD Datasheet HTML 1Page - Texas Instruments TL3472CD Datasheet HTML 2Page - Texas Instruments TL3472CD Datasheet HTML 3Page - Texas Instruments TL3472CD Datasheet HTML 4Page - Texas Instruments TL3472CD Datasheet HTML 5Page - Texas Instruments TL3472CD Datasheet HTML 6Page - Texas Instruments TL3472CD Datasheet HTML 7Page - Texas Instruments TL3472CD Datasheet HTML 8Page - Texas Instruments TL3472CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TL3472
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
SLOS200G − OCTOBER 1997 − REVISED JULY 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Wide Gain-Bandwidth Product ...4 MHz
D High Slew Rate . . . 13 V/μs
D Fast Settling Time . . . 1.1 μs to 0.1%
D Wide-Range Single-Supply
Operation...4 V to 36 V
D Wide Input Common-Mode Range Includes
Ground (VCC−)
D Low Total Harmonic Distortion . . . 0.02%
D Large-Capacitance Drive
Capability . . . 10,000 pF
D Output Short-Circuit Protection
description/ordering information
Quality, low-cost, bipolar fabrication with innovative design concepts is employed for the TL3472 operational
amplifier. This device offers 4 MHz of gain-bandwidth product, 13-V/
μs slew rate, and fast settling time, without
the use of JFET device technology. Although the TL3472 can be operated from split supplies, it is particularly
suited for single-supply operation because the common-mode input voltage range includes ground potential
(VCC−). With a Darlington transistor input stage, this device exhibits high input resistance, low input offset
voltage, and high gain. The all-npn output stage, characterized by no dead-band crossover distortion and large
output voltage swing, provides high-capacitance drive capability, excellent phase and gain margins, low
open-loop high-frequency output impedance, and symmetrical source/sink ac frequency response. This
low-cost amplifier is an alternative to the MC33072 and the MC34072 operational amplifiers.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP (P)
Tube of 25
TL3472CP
TL3472CP
0
°C to 70°C
SOIC (D)
Tube of 50
TL3472CD
3472C
0 C to 70 C
SOIC (D)
Reel of 2500
TL3472CDR
3472C
PDIP (P)
Tube of 25
TL3472IP
TL3472IP
−40
°C to 105°C
SOIC (D)
Tube of 50
TL3472ID
Z3472
40 C to 105 C
SOIC (D)
Reel of 2500
TL3472IDR
Z3472
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
1OUT
1IN−
1IN+
VCC−/GND
VCC+
2OUT
2IN−
2IN+
D OR P PACKAGE
(TOP VIEW)


Similar Part No. - TL3472CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL3472CD TI-TL3472CD Datasheet
68Kb / 5P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3472CD TI2-TL3472CD Datasheet
470Kb / 15P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
REVISED JULY 2003
TL3472CDR TI-TL3472CDR Datasheet
68Kb / 5P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3472CDR TI2-TL3472CDR Datasheet
470Kb / 15P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
REVISED JULY 2003
TL3472CDR.A TI2-TL3472CDR.A Datasheet
470Kb / 15P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
REVISED JULY 2003
More results

Similar Description - TL3472CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL3472 TI-TL3472 Datasheet
68Kb / 5P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM2716 NJRC-NJM2716 Datasheet
144Kb / 5P
SINGLE SUPPLY HI-SLEW RATE SINGLE OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
MC34074 UTC-MC34074 Datasheet
308Kb / 10P
HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34074 UTC-MC34074_09 Datasheet
520Kb / 10P
HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34074 UTC-MC34074_11 Datasheet
518Kb / 10P
HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL3472-Q1 TI1-TL3472-Q1 Datasheet
175Kb / 8P
HIGH-SLEW-RATE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3472QDRQ1 TI-TL3472QDRQ1 Datasheet
161Kb / 8P
HIGH-SLEW-RATE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
M2136 UTC-M2136_15 Datasheet
166Kb / 4P
HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
MC34072 UTC-MC34072_15 Datasheet
535Kb / 11P
HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34072 UTC-MC34072_18 Datasheet
491Kb / 11P
HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com