Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCU2A877ZQLT Datasheet(PDF) 1 Page - Texas Instruments

Part # CDCU2A877ZQLT
Description  1.8-V PHASE LOCK LOOP CLOCK DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCU2A877ZQLT Datasheet(HTML) 1 Page - Texas Instruments

  CDCU2A877ZQLT Datasheet HTML 1Page - Texas Instruments CDCU2A877ZQLT Datasheet HTML 2Page - Texas Instruments CDCU2A877ZQLT Datasheet HTML 3Page - Texas Instruments CDCU2A877ZQLT Datasheet HTML 4Page - Texas Instruments CDCU2A877ZQLT Datasheet HTML 5Page - Texas Instruments CDCU2A877ZQLT Datasheet HTML 6Page - Texas Instruments CDCU2A877ZQLT Datasheet HTML 7Page - Texas Instruments CDCU2A877ZQLT Datasheet HTML 8Page - Texas Instruments CDCU2A877ZQLT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.ti.com
FEATURES
DESCRIPTION
CDCU2A877
SCAS827A – AUGUST 2006 – REVISED JUNE 2007
1.8-V PHASE LOCK LOOP CLOCK DRIVER
• 52-Ball mBGA (MicroStar Junior™ BGA,
0,65-mm pitch)
• 1.8-V/1.9-V Phase Lock Loop Clock Driver for
Double Data Rate ( DDR II ) Applications
• External Feedback Pins ( FBIN, FBIN ) are
Used to Synchronize the Outputs to the Input
• Spread Spectrum Clock Compatible
Clocks
• Operating Frequency: 125 MHz to 410 MHz
• Meets or Exceeds CUA877/CUA878
• Application Frequency: 160 MHz to 410 MHz
Specification PLL Standard for
• Low Jitter (Cycle-Cycle): ±40 ps
PC2-3200/4300/5300/6400
• Low Output Skew: 35 ps
• Fail-Safe Inputs
• Stabilization Time <6 μs
• Distributes One Differential Clock Input to 10
Differential Outputs
• High-Drive Version of CDCUA877
The CDCU2A877 is a high-performance, low-jitter, low-skew, zero-delay buffer that distributes a differential clock
input pair (CK, CK) to 10 differential pairs of clock outputs (Yn, Yn) and to one differential pair of feedback clock
outputs (FBOUT, FBOUT). The clock outputs are controlled by the input clocks (CK, CK), the feedback clocks
(FBIN, FBIN), the LVCMOS control pins (OE, OS), and the analog power input (AVDD). When OE is low, the
clock outputs, except FBOUT/FBOUT, are disabled while the internal PLL continues to maintain its locked-in
frequency. OS (output select) is a program pin that must be tied to GND or VDD. When OS is high, OE functions
as previously described. When OS and OE are both low, OE has no affect on Y7/Y7, they are free running.
When AVDD is grounded, the PLL is turned off and bypassed for test purposes.
When both clock inputs (CK, CK) are logic low, the device enters in a low power mode. An input logic detection
circuit on the differential inputs, independent from input buffers, detects the logic low level and performs in a low
power state where all outputs, the feedback, and the PLL are off. When the clock inputs transition from being
logic low to being differential signals, the PLL turns back on, the inputs and the outputs are enabled, and the
PLL obtains phase lock between the feedback clock pair (FBIN, FBIN) and the clock input pair (CK, CK) within
the specified stabilization time.
The CDCU2A877 is able to track spread spectrum clocking (SSC) for reduced EMI. This device operates from
0
°C to 70°C.
AVAILABLE OPTIONS
TA
52-Ball BGA(1)
0
°C to 70°C
CDCU2A877ZQL
(1)
For the most current package and ordering information, see the
Package Option Addendum at the end of this document, or see the
TI website at www.ti.com.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
MicroStar Junior is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCU2A877ZQLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCU2A877ZQLT TI-CDCU2A877ZQLT Datasheet
370Kb / 14P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU2A877ZQLT TI-CDCU2A877ZQLT Datasheet
613Kb / 16P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
More results

Similar Description - CDCU2A877ZQLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCU2A877 TI-CDCU2A877 Datasheet
370Kb / 14P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCUA877 TI-CDCUA877 Datasheet
579Kb / 16P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCUA877 TI-CDCUA877_1 Datasheet
615Kb / 16P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU877A TI-CDCU877A Datasheet
945Kb / 23P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU877ZQLT TI-CDCU877ZQLT Datasheet
945Kb / 23P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU877 TI1-CDCU877_15 Datasheet
1Mb / 24P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU877 TI1-CDCU877_17 Datasheet
1Mb / 23P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU2A877 TI-CDCU2A877_V01 Datasheet
613Kb / 16P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU877 TI-CDCU877_V01 Datasheet
1Mb / 23P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCUA877 TI-CDCUA877_V01 Datasheet
615Kb / 16P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com