Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54C Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BAT54C
Description  DUAL SURFACE MOUNT SCHOTTKY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAT54C Datasheet(HTML) 1 Page - Rectron Semiconductor

  BAT54C Datasheet HTML 1Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RECTRON
SEMICONDUCTOR
BAT54C
DUAL SURFACE MOUNT SCHOTTKY
s
m
e
tIl
o
b
m
y
Ss
g
n
it
a
Rt
i
n
U
e
g
a
tl
o
V
e
s
r
e
v
e
RR
V0
3V
*
n
o
it
a
p
i
s
s
i
D
r
e
w
o
PP
T
O
T
0
0
3W
m
e
g
a
tl
o
V
d
r
a
w
r
o
F
A
m
0
0
1
=
fI
@
F
V0
.
1V
t
n
e
r
r
u
C
d
r
a
w
r
o
FF
I0
0
2A
m
.
p
m
e
T
n
o
it
c
n
u
JT
J
5
2
1
o
t
5
5
-
oC
.
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
o
t
5
5
-
oC
Absolute Maximun Ratings per Diode (Ta=25oC)
s
g
n
it
a
R
l
o
b
m
y
Ss
g
n
it
a
Rt
i
n
U
e
g
a
tl
o
V
e
s
r
e
v
e
R
k
a
e
P
e
v
it
it
e
p
e
R
m
u
m
i
n
i
M
M
R
R
V0
3V
t
n
e
r
r
u
C
d
r
a
w
r
o
F
k
a
e
P
e
v
it
it
e
p
e
R
m
u
m
i
x
a
M
M
R
F
I0
0
3A
m
e
g
a
tl
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
M
A
u
0
0
1
=
F
I
A
m
1
=
F
I
A
m
0
1
=
F
I
A
m
0
3
=
F
I
A
m
0
0
1
=
F
I
F
V
0
4
2
0
2
3
0
0
4
0
0
5
0
0
0
1
V
m
t
n
e
r
r
u
C
e
s
r
e
v
e
R
m
u
m
i
x
a
M
V
5
2
=
R
V
R
I0
.
2A
u
e
c
n
a
t
i
c
a
p
a
C
n
o
it
c
n
u
J
m
u
m
i
x
a
M
z
H
M
1
=
f
,
V
1
=
R
V
j
C5
1F
p
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
m
u
m
i
x
a
M
W
0
0
1
=
L
R
,
A
m
1
=
R
R
I
,
A
m
0
1
=
R
I
,
A
m
0
1
=
F
I
r
r
t5
s
n
*
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
R
θ cj0
3
4
o
W
/
C
s
m
e
tIs
l
a
i
r
e
t
a
M
e
g
a
k
c
a
P3
2
-
T
O
S
e
m
a
r
F
d
a
e
Ly
o
ll
A
2
4
h
s
i
n
i
F
d
a
e
Lg
n
it
a
l
P
r
e
d
l
o
S
e
r
i
W
d
n
o
Bu
A
n
i
s
e
R
d
l
o
My
x
o
p
E
p
i
h
Cn
o
c
il
i
S
Electrical Characteristics per diode (Ta=25oC)
Mechanical Data
Dimensions
SOTSOT-23
* (Mounted on a 10x8x0.6mm ceramic substrate)
RECTRON USA
1315 John Reed Court, Industry, CA 91745
Tel: (626) 333-3802 Fax: (626) 330-6296 www.rectron.com
SOT-23
TECHNICAL SPECIFICATION


Similar Part No. - BAT54C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54C PANJIT-BAT54C Datasheet
112Kb / 3P
SURFACT MOUNT SCHOTTKY BARRIER
logo
NXP Semiconductors
BAT54C PHILIPS-BAT54C Datasheet
48Kb / 8P
Schottky barrier double diodes
2002 Mar 04
logo
STMicroelectronics
BAT54C STMICROELECTRONICS-BAT54C Datasheet
83Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
logo
Zetex Semiconductors
BAT54C ZETEX-BAT54C Datasheet
101Kb / 2P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODES
logo
Fairchild Semiconductor
BAT54C FAIRCHILD-BAT54C Datasheet
195Kb / 3P
Schottky Barrier Diode
More results

Similar Description - BAT54C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BAT54A RECTRON-BAT54A Datasheet
16Kb / 1P
DUAL SURFACE MOUNT SCHOTTKY
BAT54S RECTRON-BAT54S Datasheet
14Kb / 1P
DUAL SURFACE MOUNT SCHOTTKY
logo
Diodes Incorporated
BAT54DW DIODES-BAT54DW Datasheet
44Kb / 2P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30107 Rev. 3 - 2
SDM20E40C DIODES-SDM20E40C Datasheet
56Kb / 2P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30276 Rev. B-2
BAS40V DIODES-BAS40V Datasheet
245Kb / 2P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30561 Rev. 2 - 2
BAT54DW DIODES-BAT54DW_08 Datasheet
122Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30107 Rev. 11 - 2
SDM40E20L DIODES-SDM40E20L_08 Datasheet
123Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 11 - 2 June 2008
logo
Pan Jit International I...
SD103AW-TA PANJIT-SD103AW-TA Datasheet
245Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Diodes Incorporated
SDM20E40C DIODES-SDM20E40C_15 Datasheet
91Kb / 4P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 9
SDM40E20L DIODES-SDM40E20L_15 Datasheet
123Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev erse
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com