Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC8520 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CC8520
Description  2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING CC8520 - PurePath??Wireless
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC8520 Datasheet(HTML) 4 Page - Texas Instruments

  CC8520 Datasheet HTML 1Page - Texas Instruments CC8520 Datasheet HTML 2Page - Texas Instruments CC8520 Datasheet HTML 3Page - Texas Instruments CC8520 Datasheet HTML 4Page - Texas Instruments CC8520 Datasheet HTML 5Page - Texas Instruments CC8520 Datasheet HTML 6Page - Texas Instruments CC8520 Datasheet HTML 7Page - Texas Instruments CC8520 Datasheet HTML 8Page - Texas Instruments CC8520 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
CC8520
WWW.TI.COM
SWRS091A – MARCH 2010
4
Copyright
© 2010, Texas Instruments Incorporated
GENERAL CHARACTERISTICS
Measured on Texas Instruments CC8520 EM reference designs with TA = 25°C and VDD = 3.3 V, unless otherwise noted.
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
RF frequency range
2400
2483.5
MHz
Data rate
Shaped 8FSK
5
Mbps
Current consumption,
power down state
Voltage regulator / crystal oscillator off – status
lost (POWERED_DOWN state)
1
µA
Current consumption,
audio sink
Average current for audio sink with I2S interface
active and uncompressed stereo audio link at 48
kHz, 16 bits. (PCM16)
25
mA
Current consumption,
audio source
Average current for audio source with I2S
interface active and uncompressed stereo audio
link at 48 kHz, 16 bits, maximum output power.
(PCM16)
29
mA
Audio latency
Latency between I2S interface on audio source
and I2S interface on audio sink. Uncompressed
16 bit. Audio latency is programmable using the
PPW Configurator [1].
768
2048
Samples
Audio sample rate
Audio sample rate is programmable using the
PPW Configurator [1]
(1)
48
44.1
40.275
32
kHz
(1) ±2000ppm tolerance
RF CHARACTERISTICS, CC8520
Measured on Texas Instruments CC8520 EM reference designs with TA = 25°C and VDD = 3.3 V, unless otherwise noted.
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Output power
Maximum output power setting
3.5
dBm
Receiver sensitivity
5 Mbps, 0.1 % BER
-83
dBm
Saturation (maximum input level)
5 Mbps, 0.1 % BER
-2
dBm
Adjacent channel, ±4MHz, wanted 3dB above
sensitivity
8
dB
Selectivity
Alternate channel, ±8MHz, wanted 3dB above
sensitivity
35
dB
Occupied bandwidth
99% energy bandwidth
3.8
MHz
Spurious emission
Suitable for systems targeting compliance with EN 300 328, EN 300 440
(1), FCC CFR47 Part 15
and ARIB STD-T-66
(1) Systems with external antenna connector: Margins for passing conducted requirements at sub 1GHz frequencies can be improved by
using a simple band-pass filter connected between matching network and RF connector (1.6 pF in parallel with 1.6 nH); this filter must be
connected to a good RF ground.
48-MHz CRYSTAL REQUIREMENTS
General parameters with TA = 25°C and VDD = 3.3 V, unless otherwise noted.
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Crystal frequency
48
MHz
Crystal frequency accuracy requirement
(1)
-50
50
ppm
ESR Equivalent series resistance
-
60
ohm
C0 Crystal shunt capacitance
-
3
pF
CL Crystal load capacitance
15
16
17
pF
(1) Including aging and temperature dependency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com