Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NOSB107M001-0350 Datasheet(PDF) 4 Page - AVX Corporation

Part # NOSB107M001-0350
Description  OxiCap짰 NOS Low ESR Series Niobium Oxide Capacitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NOSB107M001-0350 Datasheet(HTML) 4 Page - AVX Corporation

  NOSB107M001-0350 Datasheet HTML 1Page - AVX Corporation NOSB107M001-0350 Datasheet HTML 2Page - AVX Corporation NOSB107M001-0350 Datasheet HTML 3Page - AVX Corporation NOSB107M001-0350 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
85
OxiCap
® NOS Low ESR Series
Niobium Oxide Capacitor
RATINGS & PART NUMBER REFERENCE
AVX
Case
Capacitance
Rated
DCL
DF
ESR
100kHz Ripple Current Ratings (A)
100kHz Ripple Voltage Ratings (V)
Part No.
Size
(μF)
Voltage(V) (μA)
%
Max. (mΩ)
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
@100kHz
6.3 Volt @ 85°C (4 Volt @ 105°C, 3 Volt @ 125ºC)
NOSA106M006#0800
A
10
6.3
1.2
6
800
0.335
0.302
0.134
0.268
0.241
0.107
NOSA106M006#1000
A
10
6.3
1.2
6
1000
0.300
0.270
0.120
0.300
0.270
0.120
NOSA106M006#2000
A
10
6.3
1.2
6
2000
0.212
0.191
0.085
0.424
0.382
0.170
NOSB156M006#0600
B
15
6.3
1.8
6
600
0.412
0.371
0.165
0.247
0.223
0.099
NOSB226M006#0600
B
22
6.3
2.6
6
600
0.412
0.371
0.165
0.247
0.223
0.099
NOSB336M006#0600
B
33
6.3
4.0
6
600
0.412
0.371
0.165
0.247
0.223
0.099
NOSC336M006#0500
C
33
6.3
4.0
6
500
0.514
0.462
0.206
0.257
0.231
0.103
NOSW336M006#0250
W
33
6.3
4.0
6
250
0.657
0.592
0.263
0.164
0.148
0.066
NOSB476M006#0500
B
47
6.3
5.6
6
500
0.452
0.406
0.181
0.226
0.203
0.090
NOSC476M006#0300
C
47
6.3
5.7
6
300
0.663
0.597
0.265
0.199
0.179
0.080
NOSC686M006#0075
C
68
6.3
8.2
6
75
1.327
1.194
0.531
0.099
0.090
0.040
NOSC686M006#0200
C
68
6.3
8.2
6
200
0.812
0.731
0.325
0.162
0.146
0.065
NOSX686M006#0100
X
68
6.3
8.2
6
100
1.095
0.986
0.438
0.110
0.099
0.044
NOSY686M006#0100
Y
68
6.3
8.2
6
100
1.225
1.102
0.490
0.122
0.110
0.049
NOSC107M006#0150
C
100
6.3
12.0
8
150
0.938
0.844
0.375
0.141
0.127
0.056
NOSD107M006#0080
D
100
6.3
12.0
6
80
1.500
1.350
0.600
0.120
0.108
0.048
NOSD107M006#0100
D
100
6.3
12.0
6
100
1.342
1.207
0.537
0.134
0.121
0.054
NOSY107M006#0100
Y
100
6.3
12.0
6
100
1.225
1.102
0.490
0.122
0.110
0.049
NOSD157M006#0050
D
150
6.3
18.0
6
50
1.897
1.708
0.759
0.095
0.085
0.038
NOSD157M006#0070
D
150
6.3
18.0
6
70
1.604
1.443
0.641
0.112
0.101
0.045
NOSD157M006#0100
D
150
6.3
18.0
6
100
1.342
1.207
0.537
0.134
0.121
0.054
NOSY157M006#0100
Y
150
6.3
18.0
6
100
1.225
1.102
0.490
0.122
0.110
0.049
NOSD227M006#0045
D
220
6.3
26.4
6
45
2.000
1.800
0.800
0.090
0.081
0.036
NOSD227M006#0060
D
220
6.3
26.4
8
60
1.732
1.559
0.693
0.104
0.094
0.042
NOSD227M006#0100
D
220
6.3
26.4
8
100
1.342
1.207
0.537
0.134
0.121
0.054
NOSE227M006#0080
E
220
6.3
26.4
12
80
1.573
1.416
0.629
0.126
0.113
0.050
NOSE227M006#0100
E
220
6.3
26.4
12
100
1.407
1.266
0.563
0.141
0.127
0.056
NOSE337M006#0080
E
330
6.3
39.6
12
80
1.573
1.416
0.629
0.126
0.113
0.050
NOSE337M006#0100
E
330
6.3
39.6
12
100
1.407
1.266
0.563
0.141
0.127
0.056
NOSV477M006#0075
V
470
6.3
56.4
12
75
2.000
1.800
0.800
0.150
0.135
0.060
# - Insert R for 7" reel or S for 13" reel
All technical data relates to an ambient temperature of +25°C. Capacitance and DF
are measured at 120Hz, 0.5RMS with DC bias of 2.2 volts. DCL is measured at
rated voltage after 5 minutes.
MSL level: See page 123 (6. Moisture Sensitivity Level) or packaging and reel label.
ESR allowed to move up to 1.25 times catalog limit post mounting.
Note: AVX reserves the rights to supply higher voltage rating in the same case
size to the same reliability standards.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com