Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC573ADBLE Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVC573ADBLE
Description  OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC573ADBLE Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC573ADBLE Datasheet HTML 2Page - Texas Instruments SN74LVC573ADBLE Datasheet HTML 3Page - Texas Instruments SN74LVC573ADBLE Datasheet HTML 4Page - Texas Instruments SN74LVC573ADBLE Datasheet HTML 5Page - Texas Instruments SN74LVC573ADBLE Datasheet HTML 6Page - Texas Instruments SN74LVC573ADBLE Datasheet HTML 7Page - Texas Instruments SN74LVC573ADBLE Datasheet HTML 8Page - Texas Instruments SN74LVC573ADBLE Datasheet HTML 9Page - Texas Instruments SN74LVC573ADBLE Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
www.ti.com
Timing Requirements
Switching Characteristics
Switching Characteristics
Operating Characteristics
SN54LVC573A, SN74LVC573A
OCTAL TRANSPARENT D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SCAS300R – JANUARY 1993 – REVISED SEPTEMBER 2005
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
SN74LVC573A
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 2.7 V
UNIT
± 0.15 V
± 0.2 V
± 0.3 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tw
Pulse duration, LE high
9
4
3.3
3.3
ns
tsu
Setup time, data before LE
↓
6
4
2
2
ns
th
Hold time, data after LE
↓
4
2
1.5
1.5
ns
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
SN54LVC573A
FROM
TO
VCC = 3.3 V
PARAMETER
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
± 0.3 V
MIN
MAX
MIN
MAX
D
7.7
1
6.9
tpd
Q
ns
LE
8.4
1
7.7
ten
OE
Q
8.5
1
7.5
ns
tdis
OE
Q
7
0.5
6.7
ns
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
SN74LVC573A
FROM
TO
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
PARAMETER
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
± 0.15 V
± 0.2 V
± 0.3 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
D
1
19.1
1
9.6
1
7.7
1.5
6.9
tpd
Q
ns
LE
1
22.8
1
10.5
1
8.4
2
7.7
ten
OE
Q
1
20
1
10.5
1
8.5
1.5
7.5
ns
tdis
OE
Q
1
19.3
1
7.8
1
7
1.6
6.5
ns
tsk(o)
1
ns
T
A = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
Outputs enabled
61
56
37
Power dissipation capacitance
Cpd
f = 10 MHz
pF
per latch
Outputs disabled
3
3
4
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com