Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD2EUSB30 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2EUSB30
Description  2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD2EUSB30 Datasheet(HTML) 4 Page - Texas Instruments

  TPD2EUSB30 Datasheet HTML 1Page - Texas Instruments TPD2EUSB30 Datasheet HTML 2Page - Texas Instruments TPD2EUSB30 Datasheet HTML 3Page - Texas Instruments TPD2EUSB30 Datasheet HTML 4Page - Texas Instruments TPD2EUSB30 Datasheet HTML 5Page - Texas Instruments TPD2EUSB30 Datasheet HTML 6Page - Texas Instruments TPD2EUSB30 Datasheet HTML 7Page - Texas Instruments TPD2EUSB30 Datasheet HTML 8Page - Texas Instruments TPD2EUSB30 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TX+
TX-
GND
RX+
RX-
VBUS
D-
D+
GND
TX+
TX-
GND
RX+
RX-
VBUS
D-
D+
GND
8-mm
1-mm
GND
D+
D-
1-mm
1-mm
GND
D+
D-
TPD2EUSB30
USB 3.0
Host/ Controller/ PHY
Pattern Generator
USB3.0 Receiver PHY
36” Lossy Transmission Line
Eye Pattern
Measurement Point
TPD2EUSB30
SLVSA12 – NOVEMBER 2009
www.ti.com
APPLICATION INFORMATION
Layout Guide with TPD2EUSB30DRTR
Refer to Figure 7, the TPD2EUSB30DRTR is offered in space saving DRT package. The DRT package is a
1mm* 1mm package with flow-through pin-mapping for the high-speed differential lines. It is recommended to
place the DRT package right next to the USB 3.0 connector. The GND pin should connected to GND plane of the
board through a large VIA. If a dedicated GND plane is not present right underneath, it is recommended to route
to the GND plane through a wide trace. The current associated with IEC ESD stress can be in the range of
30Amps or higher momentarily. A good, low impedance GND path ensures the system robustness against IEC
ESD stress.
The TPD2EUSB30 can provide system level ESD protection to the high-speed differential ports (>6 Gbps data
rate). The flow-through package offers flexibility for board routing with traces up to 15 mills wide. It allows the
differential signal pairs couple together right after they touch the ESD ports (pin 1 and pin 2) of the
TPD2EUSB30.
Figure 7. Layout Guide with the TPD2EUSB30 at the USB3.0 Class A connector
TPD2EUSB30 Eye Pattern Test Setup
See Figure 9 for a demonstration of the TPD2EUSB30 performance the lab set-up. Figure 8 shows a lab board
that was designed to demonstrate the degradation of the eye pattern quality with and without the TPD2EUSB30
in the USB 3.0 signal path. Figure 10 shows that there is only ~2 ps jitter penalty to the differential signal when
the TPD2EUSB30 device was added in the signal path
Figure 8. Measurement Setup to collect the Eye Pattern on a Reference Board with TPD2EUSB30
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPD2EUSB30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com