Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD4F003 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPD4F003
Description  FOUR-, SIX-, AND EIGHT-CHANNEL EMI FILTERS WITH INTEGRATED ESD PROTECTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD4F003 Datasheet(HTML) 2 Page - Texas Instruments

  TPD4F003 Datasheet HTML 1Page - Texas Instruments TPD4F003 Datasheet HTML 2Page - Texas Instruments TPD4F003 Datasheet HTML 3Page - Texas Instruments TPD4F003 Datasheet HTML 4Page - Texas Instruments TPD4F003 Datasheet HTML 5Page - Texas Instruments TPD4F003 Datasheet HTML 6Page - Texas Instruments TPD4F003 Datasheet HTML 7Page - Texas Instruments TPD4F003 Datasheet HTML 8Page - Texas Instruments TPD4F003 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
100
GND
Ch_In
Ch_Out
8.5 pF
8.5 pF
TPD4F003, TPD6F003, TPD8F003
SLLS907D – AUGUST 2008 – REVISED JANUARY 2010
www.ti.com
The TPDxF003 are highly integrated device designed to suppress EMI/RFI noise in all systems subjected to
electromagnetic interferences. These filter series include an ESD protection circuitry which prevents damage to
the application when subjected to ESD stress far exceeding IEC 61000-4-2 (Level 4).
The TPDxF003 is specified for –40°C to 85°C operation.
ORDERING INFORMATION
ORDERABLE
TA
PACKAGE(1) (2)
PACKAGE DIMENSION
TOP-SIDE MARKING
PART NUMBER
Length = 1.7 mm, Width = 1.35 mm,
TPD4F003DQDR
5RS
Pitch = 0.4 mm, Height = 0.75 mm
Length = 2.5 mm, Width = 1.35 mm,
–40°C to 85°C
0.4-mm pitch SON
TPD6F003DQDR
47S
Pitch = 0.4 mm, Height = 0.75 mm
Length = 3.3 mm, Width = 1.35 mm,
TPD8F003DQDR
5US
Pitch = 0.4 mm, Height = 0.75 mm
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
EQUIVALENT SCHEMATIC REPRESENTATION
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIO
IO to GND
6
V
Tstg
Storage temperature range
–65
150
°C
TJ
Junction temperature
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VBR
DC breakdown voltage
IIO = 10 mA
6
V
R
Resistance
85
100
115
Ω
C
Capacitance (C1 or C2)
VIO = 2.5 V
8.5
pF
IIO
Channel leakage current
VIO = 3.3 V
10
nA
fC
Cut-off frequency
ZSOURCE = 50 Ω, ZLOAD = 50 Ω
200
MHz
(1)
Typical values are at TA = 25°C.
2
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): TPD4F003 TPD6F003 TPD8F003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com