Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM26480 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM26480
Description  Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM26480 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM26480 Datasheet HTML 17Page - National Semiconductor (TI) LM26480 Datasheet HTML 18Page - National Semiconductor (TI) LM26480 Datasheet HTML 19Page - National Semiconductor (TI) LM26480 Datasheet HTML 20Page - National Semiconductor (TI) LM26480 Datasheet HTML 21Page - National Semiconductor (TI) LM26480 Datasheet HTML 22Page - National Semiconductor (TI) LM26480 Datasheet HTML 23Page - National Semiconductor (TI) LM26480 Datasheet HTML 24Page - National Semiconductor (TI) LM26480 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Application Notes
EXTERNAL COMPONENT SELECTION
30040410
Target
Vout (V)
Ideal Resistor Values
Common R Values
Actual VOUT
W/ Com/R (V)
Actual VOUT
Delta from
Target (V)
Feedback Capacitors
R1 (K
Ω)
R2 (K
Ω)
R1 (K
Ω)
R2 (K
Ω)
C1(pF)
C2(pF)
0.8
120
200
121
200
0.803
0.002
15
none
Buck1
0.9
160
200
162
200
0.905
0.005
15
none
Only
1
200
200
200
200
1
0
15
none
^
1.1
240
200
240
200
1.1
0
15
none
|
1.2
280
200
280
200
1.2
0
12
none
|
1.3
320
200
324
200
1.31
0.01
12
none
Buck1
1.4
360
200
357
200
1.393
-0.008
10
none
And
1.5
400
200
402
200
1.505
0.005
10
none
Buck2
1.6
440
200
442
200
1.605
0.005
8.2
none
|
1.7
427
178
432
178
1.713
0.013
8.2
none
|
1.8
463
178
464
178
1.803
0.003
8.2
none
|
1.9
498
178
499
178
1.902
0.002
8.2
none
|
2
450
150
453
150
2.01
0.01
8.2
none
>
2.1
480
150
475
150
2.083
-0.017
8.2
none
^
2.2
422
124
422
124
2.202
0.002
8.2
none
|
2.3
446
124
442
124
2.282
-0.018
8.2
none
|
2.4
471
124
475
124
2.415
0.015
8.2
none
|
2.5
400
100
402
100
2.51
0.01
8.2
none
|
2.6
420
100
422
100
2.61
0.01
8.2
none
|
2.7
440
100
442
100
2.71
0.01
8.2
33
Buck2
2.8
460
100
464
100
2.82
0.02
8.2
33
Only
2.9
480
100
475
100
2.875
-0.025
8.2
33
|
3
500
100
499
100
2.995
-0.005
6.8
33
|
3.1
520
100
523
100
3.115
0.015
6.8
33
|
3.2
540
100
536
100
3.18
-0.02
6.8
33
|
3.3
560
100
562
100
3.31
0.01
6.8
33
|
The output voltages of the bucks of the LM26480 are estab-
lished by the feedback resistor dividers R1 and R2 shown on
the application circuit above. The equation for determining V
is: V
OUT = VFB (R1+R2)/R2 where VFB is the voltage on the
Buck FBx pin.
The Buck control loop will force the voltage on V
FB to be 0.50
V ±3%.
The above table shows ideal resistor values to establish buck
voltages from 0.8V to 3.3 V along with common resistor val-
ues to establish these voltages. Common resistors do not
always produce the target value, error is given in the delta
column.
In addition to the resistor feedback, capacitor feedback C1 is
always required, and depending on the output voltage capac-
itor C2 is also required. See the application diagram below
and the above table for these requirements.
Inductor
Value
Unit
Description
Notes
L
SW1,2
2.2
µH
SW1,2 inductor
D.C.R. 70 m
Ω
21
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com