Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6TPE150MIC2 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 6TPE150MIC2
Description  3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

6TPE150MIC2 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button 6TPE150MIC2 Datasheet HTML 7Page - National Semiconductor (TI) 6TPE150MIC2 Datasheet HTML 8Page - National Semiconductor (TI) 6TPE150MIC2 Datasheet HTML 9Page - National Semiconductor (TI) 6TPE150MIC2 Datasheet HTML 10Page - National Semiconductor (TI) 6TPE150MIC2 Datasheet HTML 11Page - National Semiconductor (TI) 6TPE150MIC2 Datasheet HTML 12Page - National Semiconductor (TI) 6TPE150MIC2 Datasheet HTML 13Page - National Semiconductor (TI) 6TPE150MIC2 Datasheet HTML 14Page - National Semiconductor (TI) 6TPE150MIC2 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TABLE 1. Recommended Output Filter Capacitors
C
O (µF)
Voltage (V), R
ESR (mΩ)
Make
Manufacturer
Part Number
Case Size
22
6.3, < 5
Ceramic, X5R
TDK
C3216X5R0J226M
1206
47
6.3, < 5
Ceramic, X5R
TDK
C3216X5R0J476M
1206
47
6.3, < 5
Ceramic, X5R
TDK
C3225X5R0J476M
1210
47
10.0, < 5
Ceramic, X5R
TDK
C3225X5R1A476M
1210
100
6.3, < 5
Ceramic, X5R
TDK
C3225X5R0J107M
1210
100
6.3, 50
Tantalum
AVX
TPSD157M006#0050
D, 7.5 x 4.3 x 2.9 mm
100
6.3, 25
Organic Polymer
Sanyo
6TPE100MPB2
B2, 3.5 x 2.8 x 1.9 mm
150
6.3, 18
Organic Polymer
Sanyo
6TPE150MIC2
C2, 6.0 x 3.2 x 1.8 mm
330
6.3, 18
Organic Polymer
Sanyo
6TPE330MIL
D3L, 7.3 x 4.3 x 2.8 mm
470
6.3, 23
Niobium Oxide
AVX
NOME37M006#0023
E, 7.3 x 4.3 x 4.1 mm
Output Voltage Setting
A resistor divider network from V
OUT to the FB pin determines
the desired output voltage as follows:
R
fbt is defined based on the voltage loop requirements and
R
fbb is then selected for the desired output voltage. Resistors
are normally selected as 0.5% or 1% tolerance. Higher accu-
racy resistors such as 0.1% are also available.
The feedback voltage (at V
OUT = 2.5V) is accurate to within
-2.5% / +2.5% over temperature and over line and load reg-
ulation. Additionally, the LMZ10503 contains error nulling
circuitry to substantially eliminate the feedback voltage vari-
ation over temperature as well as the long term aging effects
of the internal amplifiers. In addition the zero nulling circuit
dramatically reduces the 1/f noise of the bandgap amplifier
and reference. The manifestation of this circuit action is that
the duty cycle will have two slightly different but distinct op-
erating points, each evident every other switching cycle.
Loop Compensation
The LMZ10503 preserves flexibility by integrating the control
components around the internal error amplifier while utilizing
three small external compensation components from V
OUT to
FB. An integrated type II (two pole, one zero) voltage-mode
compensation network is featured. To ensure stability, an ex-
ternal resistor and small value capacitor can be added across
the upper feedback resistor as a pole-zero pair to complete a
type III (three pole, two zero) compensation network. The
compensation components recommended in Table 2 provide
type III compensation at an optimal control loop performance.
The typical phase margin is 45° with a bandwidth of 80 kHz.
Calculated output capacitance values not listed in Table 2
should be verified before designing into production. A detailed
application note is available to provide verification support,
AN-2013. In general, calculated output capacitance values
below the suggested value will have reduced phase margin
and higher control loop bandwidth. Output capacitance val-
ues above the suggested values will experience a lower
bandwidth and increased phase margin. Higher bandwidth is
associated with faster system response to sudden changes
such as load transients. Phase margin changes the charac-
teristics of the response. Lower phase margin is associated
with underdamped ringing and higher phase margin is asso-
ciated with overdamped response. Losing all phase margin
will cause the system to be unstable; an optimized area of
operation is 30° to 60° of phase margin, with a bandwidth of
100 kHz ±20 kHz.
30111848
TABLE 2. LMZ10503 Compensation Component Values
V
IN
(V)
C
O (µF)
ESR (m
Ω)
R
fbt
(k
Ω)
C
comp
(pF)
R
comp
(k
Ω)
Min
Max
5.0
22
2
20
143
39
8.06
47
2
20
100
100
8.25
100
1
10
71.5
180
4.32
150
1
5
56.2
270
2.1
150
10
25
59
270
10.8
150
26
50
66.5
270
23.7
220
15
30
53.6
360
14
220
31
60
59
360
30.1
3.3
22
2
20
100
56.2
5.62
47
2
20
66.5
150
5.49
100
1
10
45.3
270
2.8
150
1
5
40.2
360
1.5
150
10
25
40.2
360
7.32
150
26
50
43.2
360
15.4
220
15
30
40.2
470
10.5
220
31
60
40.2
470
20.5
Note: In the special case where the output voltage is 0.8V, it is recom-
mended to remove R
fbb and keep Rfbt, Rcomp, and Ccomp for a type III
compensation.
11
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com