Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMZ10503 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMZ10503
Description  3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMZ10503 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMZ10503 Datasheet HTML 9Page - National Semiconductor (TI) LMZ10503 Datasheet HTML 10Page - National Semiconductor (TI) LMZ10503 Datasheet HTML 11Page - National Semiconductor (TI) LMZ10503 Datasheet HTML 12Page - National Semiconductor (TI) LMZ10503 Datasheet HTML 13Page - National Semiconductor (TI) LMZ10503 Datasheet HTML 14Page - National Semiconductor (TI) LMZ10503 Datasheet HTML 15Page - National Semiconductor (TI) LMZ10503 Datasheet HTML 16Page - National Semiconductor (TI) LMZ10503 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Additional Features
Enable
The LMZ10503 features an enable (EN) pin and associated
comparator to allow the user to easily sequence the
LMZ10503 from an external voltage rail, or to manually set
the input UVLO threshold. The turn-on or rising threshold and
hysteresis for this comparator are typically 1.23V and 0.15V
respectively. The precise reference for the enable comparator
allows the user to guarantee that the LMZ10503 will be dis-
abled when the system demands it to be.
The EN pin should not be left floating. For always-on opera-
tion, connect EN to VIN.
Enable AND UVLO
Using a resistor divider from VIN to EN as shown in the
schematic diagram below, the input voltage at which the part
begins switching can be increased above the normal input
UVLO level according to
For example, suppose that the required input UVLO level is
3.69V. Choosing R
enb = 10 kΩ, then we calculate Rent = 20
k
Ω.
30111844
Alternatively, the EN pin can be driven from another voltage
source to cater to system sequencing requirements common-
ly found in FPGA and other multi-rail applications. The fol-
lowing schematic shows an LMZ10503 that is sequenced to
start based on the voltage level of a master system rail
(V
OUT1).
30111845
Soft-Start
The LMZ10503 begins to operate when both the VIN and EN,
voltages exceed the rising UVLO and enable thresholds, re-
spectively. A controlled soft-start eliminates inrush currents
during startup and allows the user more control and flexibility
when sequencing the LMZ10503 with other power supplies.
In the event of either VIN or EN decreasing below the falling
UVLO or enable threshold respectively, the voltage on the
soft-start pin is collapsed by discharging the soft-start capac-
itor by a 14 µA (typ.) current sink to ground.
Soft-Start Capacitor
Determine the soft-start capacitance with the following rela-
tionship
where V
FB is the internal reference voltage (nominally 0.8V),
I
SS is the soft-start charging current (nominally 2 µA) and
C
SS is the external soft-start capacitance.
Thus, the required soft-start capacitor per unit output voltage
startup time is given by
C
SS = 2.5 nF / ms
For example, a 4 ms soft-start time will yield a 10 nF capaci-
tance. The minimum soft-start capacitance is 680 pF.
Tracking
The LMZ10503 can track the output of a master power supply
during soft-start by connecting a resistor divider to the SS pin.
In this way, the output voltage slew rate of the LMZ10503 will
be controlled by a master supply for loads that require precise
sequencing. When the tracking function is used, a small value
soft-start capacitor should be connected to the SS pin to al-
leviate output voltage overshoot when recovering from a cur-
rent limit fault.
30111857
Tracking - Equal Soft-Start Time
One way to use the tracking feature is to design the tracking
resistor divider so that the master supply output voltage,
V
OUT1, and the LMZ10503 output voltage, VOUT2, both rise to-
gether and reach their target values at the same time. This is
termed ratiometric startup. For this case, the equation gov-
erning the values of tracking divider resistors R
trkb and Rtrkt is
given by
The above equation includes an offset voltage, of 200 mV, to
ensure that the final value of the SS pin voltage exceeds the
reference voltage of the LMZ10503. This offset will cause the
LMZ10503 output voltage to reach regulation slightly before
13
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com