Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMBZ5232B Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # CMBZ5232B
Description  5% SOT-23 SURFACE MOUNT ZENER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

CMBZ5232B Datasheet(HTML) 1 Page - Rectron Semiconductor

  CMBZ5232B Datasheet HTML 1Page - Rectron Semiconductor CMBZ5232B Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMBZ5221B
THRU
CMBZ5260B
TECHNICAL SPECIFICATION
5% SOT-23 SURFACE MOUNT ZENER DIODE
s
m
e
t
Il
o
b
m
y
Ss
g
n
i
t
a
Rt
i
n
U
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
PP
T
O
T
0
0
3W
m
e
c
n
a
r
a
ll
o
T5
%
e
g
n
a
R
e
g
a
t
l
o
Vz
V3
4
-
4
.
2V
e
g
a
t
l
o
V
d
r
a
w
o
F
A
m
0
1
=
f
i
@
f
V0
5
2V
.
d
w
F
k
a
e
O
.
p
e
R
t
n
e
r
r
u
C
M
R
F
I0
5
2A
m
.
p
m
e
T
n
o
i
t
c
n
u
JT
J
5
2
1
o
t
5
5
-C
°
.
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
o
t
5
5
-C
°
Absolute Maximun Ratings (Ta=25oC)
Electrical Characteristics (Ta=25oC)
Mechanical Data
Dimensions
RECTRON
SEMICONDUCTOR
E
P
Y
T
R
E
N
E
Z
E
G
A
T
L
O
V
)
V
(
z
Vt
z
I)
A
m
(
R
E
N
E
Z
X
A
M
E
C
N
A
D
E
P
M
I
0
A
m
(
t
z
I
)
s
m
h
o
(
z
R
R
E
N
E
Z
X
A
M
E
C
N
A
D
E
P
M
I
A
m
0
.
1
=
t
z
I
)
s
m
h
o
(
z
R
M
U
M
I
X
A
M
E
S
R
E
V
E
R
T
N
E
R
R
U
C
)
A
u
(
R
I
)
V
(
R
V
.
P
M
E
T
.
F
F
E
O
C
z
v
d
/
%
(
o
)
C
B
1
2
2
5
Z
B
M
C0
2
4
.
20
2
0
30
0
2
10
0
1
0
.
15
8
0
.
0
-
B
2
2
2
5
Z
B
M
C0
2
5
.
20
2
0
30
5
2
10
0
1
0
.
15
8
0
.
0
-
B
3
2
2
5
Z
B
M
C0
2
7
.
20
2
0
30
0
3
15
7
0
.
10
8
0
.
0
-
B
4
2
2
5
Z
B
M
C0
2
8
.
20
2
0
30
0
4
15
7
0
.
10
8
0
.
0
-
B
5
2
2
5
Z
B
M
C0
2
0
.
30
2
9
20
0
6
10
5
0
.
15
7
0
.
0
-
B
6
2
2
5
Z
B
M
C0
2
3
.
30
2
8
20
0
6
15
2
0
.
10
7
0
.
0
-
B
7
2
2
5
Z
B
M
C0
2
6
.
30
2
4
20
0
7
15
1
0
.
15
6
0
.
0
-
B
8
2
2
5
Z
B
M
C0
2
9
.
30
2
3
20
0
9
10
1
0
.
10
6
0
.
0
-
B
9
2
2
5
Z
B
M
C0
2
3
.
40
2
2
20
0
0
25
0
.
15
5
0
.
0
-
/
+
B
0
3
2
5
Z
B
M
C0
2
7
.
40
2
9
10
0
9
15
0
.
20
3
0
.
0
-
/
+
B
1
3
2
5
Z
B
M
C0
2
1
.
50
2
7
10
0
6
15
0
.
20
3
0
.
0
-
/
+
1. ANODE
2. NC
3. CATHODE
(UNITS: mm)
3
2
-
T
O
S3
2
-
T
O
S
3
2
-
T
O
S
3
2
-
T
O
S3
2
-
T
O
S
s
m
e
t
Is
l
a
i
r
e
t
a
M
e
g
a
k
c
a
P3
2
-
T
O
S
e
m
a
r
F
d
a
e
Ly
o
ll
A
2
4
h
s
i
n
i
F
d
a
e
Lg
n
i
t
a
l
P
r
e
d
l
o
S
e
r
i
W
d
n
o
Bu
A
n
i
s
e
R
d
l
o
My
x
o
p
E
p
i
h
Cn
o
c
il
i
S


Similar Part No. - CMBZ5232B

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBZ5232B CDIL-CMBZ5232B Datasheet
39Kb / 3P
SILICON PLANAR ZENER DIODES
CMBZ5232B CDIL-CMBZ5232B Datasheet
108Kb / 4P
SILIICON PLANAR ZENER DIODES
More results

Similar Description - CMBZ5232B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
BZX84C JGD-BZX84C Datasheet
100Kb / 1P
SURFACE MOUNT ZENER DIODES/SOT-23
MMBZ52 JGD-MMBZ52 Datasheet
96Kb / 1P
SURFACE MOUNT ZENER DIODES/SOT-23
logo
ON Semiconductor
BZX84C2V4ET1 ONSEMI-BZX84C2V4ET1_05 Datasheet
75Kb / 6P
Zener Voltage Regulators 225 mW SOT-23 Surface Mount
August, 2005 ??Rev. 5
BZX84C2V4LT1 ONSEMI-BZX84C2V4LT1_05 Datasheet
79Kb / 7P
Zener Voltage Regulators 225 mW SOT-23 Surface Mount
October, 2005 ??Rev. 11
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1_05 Datasheet
72Kb / 6P
Zener Voltage Regulators 225 mW SOT-23 Surface Mount
July, 2005 ??Rev. 9
logo
Rectron Semiconductor
BAS70 RECTRON-BAS70 Datasheet
154Kb / 3P
SOT-23 SURFACE MOUNT SCHOTTKY DIODE
CZMK4V7 RECTRON-CZMK4V7 Datasheet
33Kb / 1P
SOT-23 DUAL ZENER DIODE (Common Cathode)
logo
Guilin Strong Micro-Ele...
BZX84C3V0-C47 GSME-BZX84C3V0-C47 Datasheet
247Kb / 3P
SOT-23 SURFACE MOUNT ZENER DIODE
BZX84C GSME-BZX84C Datasheet
247Kb / 3P
SOT-23 SURFACE MOUNT ZENER DIODE
logo
ON Semiconductor
BZX84BXXXLT1G ONSEMI-BZX84BXXXLT1G Datasheet
223Kb / 8P
Zener Voltage Regulators 250 mW SOT−23 Surface Mount
August, 2021 - Rev. 23
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com