Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE706PWG4 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE706PWG4
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE706PWG4 Datasheet(HTML) 21 Page - Texas Instruments

Back Button CDCE706PWG4 Datasheet HTML 17Page - Texas Instruments CDCE706PWG4 Datasheet HTML 18Page - Texas Instruments CDCE706PWG4 Datasheet HTML 19Page - Texas Instruments CDCE706PWG4 Datasheet HTML 20Page - Texas Instruments CDCE706PWG4 Datasheet HTML 21Page - Texas Instruments CDCE706PWG4 Datasheet HTML 22Page - Texas Instruments CDCE706PWG4 Datasheet HTML 23Page - Texas Instruments CDCE706PWG4 Datasheet HTML 24Page - Texas Instruments CDCE706PWG4 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
CDCE706
www.ti.com ........................................................................................................................................... SCAS815I – OCTOBER 2005 – REVISED NOVEMBER 2008
Byte 25, Bits [6:4]: SSC Modulation Amount(1)
SSC2
SSC1
SSC0
Function
Default(2)
0
0
0
SSC modulation amount 0% = SSC bypass for PLL(3)
Yes
0
0
1
SSC modulation amount ±0.1% (center spread)
0
1
0
SSC modulation amount ±0.25% (center spread)
0
1
1
SSC modulation amount ±0.4% (center spread)
1
0
0
SSC modulation amount 1% (down spread)
1
0
1
SSC modulation amount 1.5% (down spread)
1
1
0
SSC modulation amount 2% (down spread)
1
1
1
SSC modulation amount 3% (down spread)
(1)
The PLL must be bypassed (turned off) when changing SSC Modulation Amount on-the-fly. This can be done by the following
programming sequence: bypass PLL2 (byte 3, bit 6 = 1); write new Modulation Amount (byte 25); re-activate PLL2 (byte 3, bit 6 = 0).
(2)
Unless customer-specific setting
(3)
If SSC bypass is selected, the SSC circuitry of PLL2 is powered down and the SSC output is reset to logic low. The non-SSC output of
PLL2 is not affected by this mode and can still be used.
Byte 25, Bit [7]: Permanently Lock EEPROM Data
EELOCK
Permanently Lock EEPROM (1)
Default(2)
0
No
Yes
1
Yes
(1)
If this bit is set, the actual data in the EEPROM is permanently locked. Note that the EEPROM lock becomes effective when this bit is
set in the EEPROM and not in the internal volatile register. No further programming is possible, even if this bit is set low. Data, however
can still be written via SMBUS to the internal register to change device function on the fly. But new data no longer can be stored into the
EEPROM.
(2)
Unless customer-specific setting
Byte 26, Bits [6:0]: Byte Count(1)
BC6
BC5
BC4
BC3
BC2
BC1
BC0
No. of Bytes
Default(2)
0
0
0
0
0
0
0
Not allowed
0
0
0
0
0
0
1
1
0
0
0
0
0
1
0
2
0
0
0
0
0
1
1
3
•
•
•
0
0
1
1
0
1
1
27
Yes
•
•
•
1
1
1
1
1
0
1
125
1
1
1
1
1
1
0
126
1
1
1
1
1
1
1
127
(1)
Defines the number of bytes, which is sent from this device at the next block-read protocol.
(2)
Unless customer-specific setting
Byte 26, Bit [7]: Initiate EEPROM Write Cycle(1)
EEWRITE
Starts EEPROM Write Cycle
Default(2)
0
No
Yes
1
Yes
(1)
The EEPROM WRITE cycle is initiated with the rising edge of the EEWRITE bit. The EEPROM WRITE bit must be sent last to ensure
that the content of all internal registers is stored in the EEPROM. Do not interrupt the EEPROM WRITE cycle; otherwise, random data
can be stored in the EEPROM. A static level-high does not trigger an EEPROM WRITE cycle. This bit stays high until the user resets it
to low (it is not automatically reset after the programming has been completed). Therefore, to initiate an EEPROM WRITE cycle, it is
recommended to send a zero-one sequence to the EEWRITE bit in byte 26.
During EEPROM programming, no data are allowed to be sent to the device via the SMBus until the programming sequence has been
completed. Data, however, can be read out during the programming sequence (byte read or block read). The programming status can
be monitored by reading out EEPIP, byte 24, bit 7. If EELOCK is set, no EEPROM programming is possible.
(2)
Unless customer-specific setting
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): CDCE706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com