Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMB120 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # FMB120
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 100 Volts CURRENT 1.0 Ampere)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FMB120 Datasheet(HTML) 1 Page - Rectron Semiconductor

  FMB120 Datasheet HTML 1Page - Rectron Semiconductor FMB120 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 20 to 100 Volts CURRENT 1.0 Ampere
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
FM120
THRU
FM1100
DO-214AC
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
NOTES : 1. Thermal Resistance (Junction to Ambient).
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. P.C.B Monuted with 0.2X0.2” (5.0X5.0mm2) copper pad area.
* Ideal for surface mounted applications
* Low leakage current
* Metallurgically bonded construction
* Mounting position: Any
* Weight: 0.09 gram
* Epoxy: Device has UL flammability classification 94V-O
Dimensions in inches and (millimeters)
2001-5
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
mAmps
Maximum Instantaneous Forward Voltage at 1.0A DC
Volts
1.0
10
@TA = 25
oC
@TA = 100
oC
.55
.70
mAmps
UNITS
FMB120
FMB140 FMB150 FMB160
FMB130
FMB180 FMB1100
.85
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Derating Lead Temperature
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
1.0
40
50
110
Amps
0 C/ W
0 C
Storage Temperature Range
IO
-65 to + 125
pF
Operating Temperature Range
TJ
FMB120
FMB140 FMB150 FMB160
FMB130
20
40
50
60
30
14
28
35
42
21
20
40
50
60
30
-65 to + 150
-65 to + 150
0 C
R
θJA
80
56
80
100
70
100
FMB180 FMB1100
0.012 (0.305)
0.006 (0.152)
0.008 (0.203)
0.004 (0.102)
0.209 (5.31)
0.185 (4.70)
0.035 (0.89)
0.059 (1.50)
0.067 (1.70)
0.091 (2.31)
0.160(4.06)
0.180(4.57)
0.086 (2.18)
0.110 (2.79)
0.067 (1.70)
0.051 (1.29)
MECHANICAL DATA


Similar Part No. - FMB120

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMB100 FAIRCHILD-FMB100 Datasheet
44Kb / 3P
NPN Multi-Chip General Purpose Amplifier
FMB1020 FAIRCHILD-FMB1020 Datasheet
29Kb / 2P
NPN & PNP Complementary Dual Transistor SuperSOT-6 Surface Mount Package
logo
DONGGUAN YOU FENG WEI E...
FMB10F YFWDIODE-FMB10F Datasheet
494Kb / 3P
1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current - 1A
logo
Dongguan Pingjingsemi T...
FMB10F-PJ PJSEMI-FMB10F-PJ Datasheet
1Mb / 3P
SURFACE MOUNT GLASS PASSIVATED BRI
logo
DONGGUAN YOU FENG WEI E...
FMB10S YFWDIODE-FMB10S Datasheet
497Kb / 3P
1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current - 1A
More results

Similar Description - FMB120

ManufacturerPart #DatasheetDescription
logo
Surge Components
SK12 SURGE-SK12 Datasheet
71Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere???
SS12 SURGE-SS12 Datasheet
136Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere
logo
Rectron Semiconductor
FM120M RECTRON-FM120M Datasheet
79Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere)
FM5817 RECTRON-FM5817_06 Datasheet
355Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
FM120L RECTRON-FM120L Datasheet
359Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
SR120 RECTRON-SR120_02 Datasheet
32Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 100 Volts CURRENT 1.0 Ampere
SS2 RECTRON-SS2 Datasheet
31Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
SS20L RECTRON-SS20L Datasheet
441Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 100 Volts CURRENT 1.0 Ampere
FM120B RECTRON-FM120B_11 Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
1S20 RECTRON-1S20_V01 Datasheet
87Kb / 5P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 100 Volts CURRENT 1.0 Ampere
2009-10 REV:A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com