Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMB140 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # FMB140
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 100 Volts CURRENT 1.0 Ampere)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FMB140 Datasheet(HTML) 2 Page - Rectron Semiconductor

  FMB140 Datasheet HTML 1Page - Rectron Semiconductor FMB140 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( FM120 THRU FM1100 )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
1.0
.75
.50
.25
0
0
25
75
100
125
150
175
50
LEAD TEMPERATURE, (
)
Single
Half Wave 60HZ
Resistive or
Inductive Load
0.375" (9.5mm) Lead Length
FIG. 3A - TYPICAL REVERSE CHARACTERISTICS
100
10
1.0
0.1
.01
.001
TJ = 25
TJ = 125
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0
TJ = 75
FM120~FM140
FIG. 3B - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
400
200
100
80
60
40
20
10
.1
.4
1.0
4
10
40
80
TJ = 25
REVERSE VOLTAGE, (V)
FM120
FM130
FM140
FM150
FM160
FIG. 2 - TYPICAL INSTANTANEOUS
FORWARD CHARCTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
FM180
FM1100
20
10
1.0
.1
.1
.3
.5
.7
.9 1.1 1.3 1.5 1.7 1.9 2.1
TJ = 25
Pulse Width = 300uS
1% Duty Cycle
8.3ms Single Half Sine-Wave
FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
JEDEC Method
1
2
4
6 810
20
40
80100
0
10
20
30
40
50
100
10
1.0
0.1
.01
.001
TJ = 25
TJ = 75
TJ = 125
TJ = 150
0
20
40
60
80
100
120
140
FM150~FM160
FM180~FM1100



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com