Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JN2FS10SLK-R Datasheet(PDF) 22 Page - Japan Aviation Electronics Industry, Ltd.

Part # JN2FS10SLK-R
Description  Small Circular Connector
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JN2FS10SLK-R Datasheet(HTML) 22 Page - Japan Aviation Electronics Industry, Ltd.

Back Button JN2FS10SLK-R Datasheet HTML 14Page - Japan Aviation Electronics Industry, Ltd. JN2FS10SLK-R Datasheet HTML 15Page - Japan Aviation Electronics Industry, Ltd. JN2FS10SLK-R Datasheet HTML 16Page - Japan Aviation Electronics Industry, Ltd. JN2FS10SLK-R Datasheet HTML 17Page - Japan Aviation Electronics Industry, Ltd. JN2FS10SLK-R Datasheet HTML 18Page - Japan Aviation Electronics Industry, Ltd. JN2FS10SLK-R Datasheet HTML 19Page - Japan Aviation Electronics Industry, Ltd. JN2FS10SLK-R Datasheet HTML 20Page - Japan Aviation Electronics Industry, Ltd. JN2FS10SLK-R Datasheet HTML 21Page - Japan Aviation Electronics Industry, Ltd. JN2FS10SLK-R Datasheet HTML 22Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
MB-0054-8
22/22
JAE PMK Div. Proprietary. Copyright © 2009, Japan Aviation Electronics Industry, Ltd.
Notice: Products shown in this leaflet are made
for the applications listed below. However, if the
above-mentioned products are to be used in
aerospace devices, marine cable-connection
devices, atomic power control systems, medical
equipment for life-support systems, or any other
specific application requiring extremely high
reliability, please contact JAE for further
information.
Recommended applications: Computers, Office
machines, Measuring devices,
Telecommunication devices (Terminals, Mobile
devices), AV devices, Household applications,
FA devices, etc.
N2KY16-FN3
Sankei
Seisakusho
PCJN-12-M13F
Daiwa Dengyo
RQJN-M13-9, RQJN-M13-16
Neoflex
Model
Please consult with conduit manufacturer regarding use of each conduit.
Japan Aviation Electronics Industry, Limited
Product Marketing Division
Aobadai Building, 3-1-19, Aobadai, Meguro-ku,
Tokyo 153-8539
Phone: +81-3-3780-2897 FAX: +81-3-3780-2946
* The specifications in this brochure are subject to change without notice. Please contact JAE for information.
[Chart of Applicable Wires and Tooling]
Note 1: The * in the part number will stand for P: Pin contact, S: Socket contact.
Note 2: Please contact us concerning connection tool, contact removal tool and the
RoHS compliance of tools for the JN1 and 2 series.
Suggested Conduit
Dia. 0.8 to 1.0
25AWG
JN1-22-22*-PKG100
Dia. 0.8 to 1.0
25AWG
350-JN1-2C
CT150-2-JN1-B
CT150-2-JN1-E
CT150-2-JN1-D
Applicable
Tooling
Dia. 0.8 to 1.5
Dia. 0.8 to 1.0
Dia. 1.0 to 1.3
Dia. 1.0 to 1.5
Dia. 1.3 to 1.5
Outer
Diameter
JN1-22-26*-PKG100
26, 28AWG
JN1-22-22*-PKG100
22, 24AWG
T700238
JN1-22-22*-PKG100
21, 23AWG
JN1-22-20*-R-10000
JN1-22-22*-10000
JN1-22-26*-10000
20 to
28AWG
T703294
Semi-
Automatic
crimp
(for reel
contacts)
JN1-22-20*-R-PKG100
20, 21AWG
T700253
Hand crimp
(for contacts
in pieces)
Part Number of
Applicable Contact
(Note 1)
Applicable
Wire
Instruction
Manual for
Tooling
Type of
Tool



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com