Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JN2MS10SL1-R Datasheet(PDF) 10 Page - Japan Aviation Electronics Industry, Ltd.

Part # JN2MS10SL1-R
Description  Small Circular Connector
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JN2MS10SL1-R Datasheet(HTML) 10 Page - Japan Aviation Electronics Industry, Ltd.

Back Button JN2MS10SL1-R Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. JN2MS10SL1-R Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. JN2MS10SL1-R Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. JN2MS10SL1-R Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. JN2MS10SL1-R Datasheet HTML 10Page - Japan Aviation Electronics Industry, Ltd. JN2MS10SL1-R Datasheet HTML 11Page - Japan Aviation Electronics Industry, Ltd. JN2MS10SL1-R Datasheet HTML 12Page - Japan Aviation Electronics Industry, Ltd. JN2MS10SL1-R Datasheet HTML 13Page - Japan Aviation Electronics Industry, Ltd. JN2MS10SL1-R Datasheet HTML 14Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
MB-0054-8
10/22
JAE PMK Div. Proprietary. Copyright © 2009, Japan Aviation Electronics Industry, Ltd.
* JN2 contact is in common with JN1.
26-28AWG
Outer Dia. 1.1 max.
SJ035503
JN1-22-26S-PKG100
21-25AWG
Outer Dia. 1.5 max.
SJ035503
JN1-22-22S-PKG100
In reels
(10,000
pcs.)
In reels
(10,000
pcs.)
In pieces
(100pcs.)
In pieces
In pieces
(100pcs.)
Figuration
26-28AWG
Outer Dia. 1.1 max.
SJ037430
JN1-22-26P-PKG100
21-25AWG
Outer Dia. 1.5 max.
SJ037431
JN1-22-22P-10000
21-25AWG
Outer Dia. 1.5 max.
SJ037430
JN1-22-22P-PKG100
JN1-22-26P-10,000
JN1-22-20P-R-10000
JN1-22-20P-R-
PKG100
JN1-22-22F-PKG10
JN1-22-22F-PKG100
JN1-22-26S-10000
JN1-22-22S-10000
JN1-22-20S-R-10000
JN1-22-20S-R-
PKG100
Part Number
In pieces(10pcs.),
AWG#20 max.
Outer Dia. 1.5 max.
SJ109855
Solder
In pieces(10pcs.),
20AWG max.
Outer Dia. 1.5 max.
SJ109855
20-21AWG
Outer Dia. 1.5 max.
SJ037431
26-28AWG
Outer Dia. 1.1 max.
SJ037431
20-21AWG
Outer Dia. 1.5 max.
SJ035503
Crimp
20-21AWG
Outer Dia. 1.5 max.
SJ035504
Socket
Contact
26-28AWG
Outer Dia. 1.1 max.
SJ035504
21-25AWG
Outer Dia. 1.5 max.
SJ035504
10
No.
of
Con
tacts
JN1
Pin
Contact
20-21AWG
Outer Dia. 1.5 max.
SJ037430
Crimp
SJ Drawing
Performance /
Shape
Connection
Type
Contact
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com