Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JN2FS10SLN-R Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # JN2FS10SLN-R
Description  Small Circular Connector
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JN2FS10SLN-R Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  JN2FS10SLN-R Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JN2FS10SLN-R Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JN2FS10SLN-R Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. JN2FS10SLN-R Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. JN2FS10SLN-R Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. JN2FS10SLN-R Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. JN2FS10SLN-R Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. JN2FS10SLN-R Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. JN2FS10SLN-R Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
MB-0054-8
2/22
JAE PMK Div. Proprietary. Copyright © 2009, Japan Aviation Electronics Industry, Ltd.
General Specifications
JAHL-5111
JAHL-5111
Instruction Manual
500 mating cycles
500 mating cycles
Durability
Specification and Performance
Item
JACS-5111-2
JACS-5111
Product Specification
Receptacle: Solder connection
18 AWG (0.75mm2)max.
Cable connecting receptacle and plug:
Solder connection
16 AWG (1.25mm2) max.
Receptacle: Through-hole, solder
connection 22AWG (0.3mm2) max.
Cable connecting receptacle:
Crimp connection 20 to 28AWG
Plug: Crimp connection 20 to 28AWG
Solder connection 20AWG max.
Specification of Wire
Connection
-20 Deg. C to +125 Deg.C
-20 Deg. C to +125 Deg.C
Operating Temperature
2.9×104 PA (per minute )
without leakage
2.9×104 PA (per minute)
without leakage
Airtightness
(Individually Waterproofed)
IP67
IP67
Waterproof
1000M ohm min.(DC500V energized )
1000M ohm min.(DC500V energized )
Insulation Resistance
2000VAC (per minute)
900VAC (per minute)
Withstanding Voltage
200VAC
200VAC
Rated Voltage
5A/pin (#20 size contact)
3A/pin (#22 size contact)
Rated Current
4 pins
10 pins
No. of Contacts
Features
•All plastic lightweight connector.
•Easy and sure mating with push-and-twist type one-touch lock mechanism.
•Terminal specification for receptacle and plug differs by series and number of contacts, please
refer to general specification for each product. Socket contact for 10 pos. plug is available in crimp
and solder types.
•The 4-contact receptacle is not body grounded. Connection of ground contact and chassis is
needed for grounding.
•Crimp connection relay receptacle is available in cable-connecting and wall-mounting receptacle
types. (4 pos. and 10 pos.)
•Plug is available in straight, angle and individual types (10 pos. only). The cable direction of the
angle plug can be set in four directions by rotating the plug in 90 degree increments.
•Mating height of angle plug is 30.8mm from panel surface (4 pos. and 10 pos.). Individual plug is
low profile 16.9mm (10 pos.).
•Waterproof and dustproof conforming to IP67.
•Superb environment-proof performance such as vibration and oil resistance.
•Suitable for conduit mounting (cannot be attached to individual plug).
•Compatible with JN1, considerably reinforced with metal material in part of the outer shell (strength
increased three fold over JN1).
•Uses same crimp contact as the JN1.
•Terminal specification for receptacle and plug differs by series and number of contacts, please
refer to general specification for each product. 4-contact receptacle body is grounded.
•4-contact type is TUV qualified.
•Plug is available in straight and angle types. The cable direction of the angle plug can be set in
four directions by rotating the plug in 90 degree increments.
•Contact variations: 4, 10 pos.
•Angle plug mating height is 31.3mm from cabinet surface (4, 10 pos.).
•Waterproof and dustproof conforming to IP67.
•Superb environment-proof performance such as vibration and oil resistance.
•Suitable for conduit mounting.
[JN2]
[JN1]
[JN1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com