Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B2562 Datasheet(PDF) 2 Page - EPCOS

Part # B2562
Description  Film capacitors- Power electronic capacitors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B2562 Datasheet(HTML) 2 Page - EPCOS

  B2562 Datasheet HTML 1Page - EPCOS B2562 Datasheet HTML 2Page - EPCOS B2562 Datasheet HTML 3Page - EPCOS B2562 Datasheet HTML 4Page - EPCOS B2562 Datasheet HTML 5Page - EPCOS B2562 Datasheet HTML 6Page - EPCOS B2562 Datasheet HTML 7Page - EPCOS B2562 Datasheet HTML 8Page - EPCOS B2562 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Film capacitors – Power electronic capacitors
MKP PEC DC
B2562*
Preliminary data
FK PEC
June 2010
Page 2 of 10
.
Metallized polypropylene film capacitors - aluminum case for general purpose applications
M12 stud on bottom of the aluminum case, nut and washer for fixing are standard for all types.
Others available distance between terminals: 35 and 50 mm.
Observation: distance between terminals of 50 mm is available only for capacitors with diameter
116 mm.
B2562*
Female terminals (M6, M8 or M10)
B2562*
Male terminals (M6, M8 or M10)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com