Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1500 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS1500
Description  Digital Power Factor Correction IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1500 Datasheet(HTML) 2 Page - Cirrus Logic

  CS1500 Datasheet HTML 1Page - Cirrus Logic CS1500 Datasheet HTML 2Page - Cirrus Logic CS1500 Datasheet HTML 3Page - Cirrus Logic CS1500 Datasheet HTML 4Page - Cirrus Logic CS1500 Datasheet HTML 5Page - Cirrus Logic CS1500 Datasheet HTML 6Page - Cirrus Logic CS1500 Datasheet HTML 7Page - Cirrus Logic CS1500 Datasheet HTML 8Page - Cirrus Logic CS1500 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
CS1500
2
DS849A7
Jul ?$shortyear>
CONFIDENTIAL
Table 1. Pin Descriptions
Pin Name
Pin #
I/O
Description
NC
1, 8
-
NC — No connections
STBY
2IN
Remote On/Off Control — A voltage below 0.8 V shuts down the IC (not latched) and
brings the device into low power consumption mode. The input has an internal 600 k
Ω
pull-up resistor to the VDD pin and should be driven with an open-collector device.
IAC
3IN
Rectifier Voltage Sense — A current proportional to the rectified line voltage (Vrect) is
fed into this pin. The current is measured with an A/D converter.
FB
4IN
Link Voltage Sense — A current proportional to the output link voltage (Vlink) of the
PFC is fed into this pin. The current is measured with an A/D converter.
GND
5-
Ground — Current return for both the input signal portion of the IC and the gate driver.
GD
6OUT
Gate Driver Output — The totem pole stage is able to drive the power MOSFET with a
peak current of 0.5 A source and 1.0 A sink. The high-level voltage of this pin is
clamped at VZ to avoid excessive gate voltages.
VDD
7IN
IC Supply Voltage — Supply voltage of both the input signal portion of the IC and the
gate driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com