Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3521 Datasheet(PDF) 3 Page - EPCOS

Part # B3521
Description  SAW Components
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3521 Datasheet(HTML) 3 Page - EPCOS

  B3521 Datasheet HTML 1Page - EPCOS B3521 Datasheet HTML 2Page - EPCOS B3521 Datasheet HTML 3Page - EPCOS B3521 Datasheet HTML 4Page - EPCOS B3521 Datasheet HTML 5Page - EPCOS B3521 Datasheet HTML 6Page - EPCOS B3521 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
March 18, 2010
B3521
1575.42 MHz
SAW Components
SAW RF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
1575.42
—
MHz
Maximum insertion attenuation
α
max
1574.42 ... 1576.42 MHz
—
3.2
3.5
dB
Amplitude ripple (p-p)
∆α
1574.42 ... 1576.42 MHz
—
0.5
1.0
dB
Input VSWR
1574.42 ... 1576.42 MHz
—
1.9
2.3
Output VSWR
1574.42 ... 1576.42 MHz
—
1.9
2.3
Attenuation
α
100.00 ... 1000.00 MHz
60
70
—
dB
1500.00 MHz
40
43
—
dB
1535.42 MHz
35
42
—
dB
1615.42 MHz
25
33
—
dB
1640.00 MHz
45
48
—
dB
1700.00 MHz
50
52
—
dB
Maximum ratings
Operable temperature range T
–45/+125 ˚C
Storage temperature range
Tstg
–45/+125 ˚C
DC voltage
VDC
6
V
Source power
PS
10
20
dBm
dBm
source impedance 50
Ω
824 MHz to 915 MHz,
1710 MHz to1785 MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com